Electronic Components Datasheet Search
  English  ▼

X  

TLV3202 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV3202
Description  TLV320x 40ns, microPOWER, Push-Pull Output Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV3202 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV3202 Datasheet HTML 7Page - Texas Instruments TLV3202 Datasheet HTML 8Page - Texas Instruments TLV3202 Datasheet HTML 9Page - Texas Instruments TLV3202 Datasheet HTML 10Page - Texas Instruments TLV3202 Datasheet HTML 11Page - Texas Instruments TLV3202 Datasheet HTML 12Page - Texas Instruments TLV3202 Datasheet HTML 13Page - Texas Instruments TLV3202 Datasheet HTML 14Page - Texas Instruments TLV3202 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
7 Detailed Description
7.1 Overview
The TLV3201 and TLV3202 devices feature 40ns response time, and include 1.2mV of internal hysteresis for
improved noise immunity with an input common-mode range that extends 0.2V beyond the power-supply rails.
7.2 Functional Block Diagram
+
-
+IN
-IN
V+
V-
OUT
Copyright © 2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Operating Voltage
The TLV3201 and TLV3202 comparators are specified for use on a single supply from 2.7V to 5.5V (or a dual
supply from ±1.35V to ±2.75V) over a temperature range of −40°C to 125°C. The device continues to function
below this range, but performance is not specified.
7.3.2 Input Overvoltage Protection
The device inputs are protected by electrostatic discharge (ESD) diodes that conduct if the input voltages
exceed the power supplies by more than approximately 300mV . Momentary voltages greater than 300mV
beyond the power supply can be tolerated if the input current is limited to 10mA. This limiting is easily
accomplished with a small input resistor in series with the input to the comparator.
7.4 Device Functional Modes
The device is fully functional when powered by rail-to-rail supply voltage greater than 2.7V. The device is off at
any voltages below 2.7V.
www.ti.com
TLV3201, TLV3202
SBOS561C – MARCH 2012 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV3201 TLV3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com