Electronic Components Datasheet Search
  English  ▼

X  

TLV3202 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV3202
Description  TLV320x 40ns, microPOWER, Push-Pull Output Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV3202 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV3202 Datasheet HTML 9Page - Texas Instruments TLV3202 Datasheet HTML 10Page - Texas Instruments TLV3202 Datasheet HTML 11Page - Texas Instruments TLV3202 Datasheet HTML 12Page - Texas Instruments TLV3202 Datasheet HTML 13Page - Texas Instruments TLV3202 Datasheet HTML 14Page - Texas Instruments TLV3202 Datasheet HTML 15Page - Texas Instruments TLV3202 Datasheet HTML 16Page - Texas Instruments TLV3202 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
8.1.2 External Hysteresis
The TLV3201 and TLV3202 have a hysteresis transfer curve (shown in Figure 8-3) that is a function of three
components: VTH, VOS, and VHYST.
• VTH: the actual set voltage or threshold trip voltage
• VOS: the internal offset voltage between VIN+ and VIN–. This voltage is added to VTH to form the actual trip
point at which the comparator must respond to change output states.
• VHYST: internal hysteresis (or trip window) that is designed to reduce comparator sensitivity to noise.
V
+ V
V
-
TH
OS
HYST
V
+ V
TH
OS
V
+ V
+ V
TH
OS
HYST
Figure 8-3. TLV320x Hysteresis Transfer Curve
8.1.2.1 Inverting Comparator with Hysteresis
The inverting comparator with hysteresis requires a three-resistor network that is referenced to the comparator
supply voltage (VCC), as shown in Figure 8-4. When VIN at the inverting input is less than VA, the output voltage
is high (for simplicity, assume VO switches as high as VCC). The three network resistors can be represented as
R1 || R3 in series with R2. The lower input trip voltage (VA1) is defined by Equation 1.
V
= V
A1
CC
´
R2
(R1 || R3) + R2
(1)
When VIN is greater than [VA × (VIN > VA)], the output voltage is low, very close to ground. In this case, the three
network resistors can be presented as R2 || R3 in series with R1. The upper trip voltage (VA2) is defined by
Equation 2.
V
= V
A2
CC
´
R2 || R3
R1 + (R2 || R3)
(2)
The total hysteresis provided by the network is defined by Equation 3.
D
-
V = V
V
A
A1
A2
(3)
www.ti.com
TLV3201, TLV3202
SBOS561C – MARCH 2012 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV3201 TLV3202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com