Electronic Components Datasheet Search
  English  ▼

X  

TLVM13640 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLVM13640
Description  TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod™ QFN Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLVM13640 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLVM13640 Datasheet HTML 12Page - Texas Instruments TLVM13640 Datasheet HTML 13Page - Texas Instruments TLVM13640 Datasheet HTML 14Page - Texas Instruments TLVM13640 Datasheet HTML 15Page - Texas Instruments TLVM13640 Datasheet HTML 16Page - Texas Instruments TLVM13640 Datasheet HTML 17Page - Texas Instruments TLVM13640 Datasheet HTML 18Page - Texas Instruments TLVM13640 Datasheet HTML 19Page - Texas Instruments TLVM13640 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
AGND
VOUT
FB
R
FBT
R
FBB
10 kΩ
Figure 7-2. FB Resistor Divider
Table 7-1. Standard RFBT Values, Recommended FSW and Minimum COUT
VOUT (V)
RFBT (kΩ) (1)
RECOMMENDED
FSW (kHz)
COUT(MIN) (µF)
(EFFECTIVE)
VOUT (V)
RFBT (kΩ) (1)
RECOMMENDED
FSW (kHz)
COUT(MIN) (µF)
(EFFECTIVE)
1.0
Short
400
300
2.5
15
750
65
1.2
2
500
200
3.0
20
750
50
1.5
4.99
500
160
3.3
23.2
800
40
1.8
8.06
600
120
5.0
40.2
1000
25
2.0
10
600
100
6.0
49.9
1000
22
(1)
RFBB = 10 kΩ.
Note that higher feedback resistances consume less DC current, which is mandatory if light-load efficiency is
critical. However, RFBT larger than 1 MΩ is not recommended as the feedback path becomes more susceptible
to noise. High feedback resistance generally requires more careful layout of the feedback path. It is important to
keep the feedback trace as short as possible while keeping the feedback trace away from the noisy area of the
PCB. For more layout recommendations, see Section 10.
7.3.3 Input Capacitors
Input capacitors are necessary to limit the input ripple voltage to the module due to switching-frequency AC
currents. TI recommends using ceramic capacitors to provide low impedance and high RMS current rating over
a wide temperature range. Equation 2 gives the input capacitor RMS current. The highest input capacitor RMS
current occurs at D = 0.5, at which point the RMS current rating of the capacitors should be greater than half the
output current.
2
2
L
CIN,rms
OUT
I
I
D
I
1 D
12
§
·
'
¨
¸
˜
˜
¨
¸
©
¹
(2)
where
• D = VOUT / VIN = the module duty cycle
Ideally, the DC and AC components of input current to the buck stage are provided by the input voltage source
and the input capacitors, respectively. Neglecting inductor ripple current, the input capacitors source current of
amplitude (IOUT – IIN) during the D interval and sink IIN during the 1 – D interval. Thus, the input capacitors
conduct a square-wave current of peak-to-peak amplitude equal to the output current. The resultant capacitive
component of AC ripple voltage is a triangular waveform. Together with the ESR-related ripple component,
Equation 3 gives the peak-to-peak ripple voltage amplitude:
TLVM13630
SLVSFT6B – MAY 2021 – REVISED JANUARY 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com