Electronic Components Datasheet Search
  English  ▼

X  

TLVM13640 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLVM13640
Description  TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod™ QFN Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLVM13640 Datasheet(HTML) 4 Page - Texas Instruments

  TLVM13640 Datasheet HTML 1Page - Texas Instruments TLVM13640 Datasheet HTML 2Page - Texas Instruments TLVM13640 Datasheet HTML 3Page - Texas Instruments TLVM13640 Datasheet HTML 4Page - Texas Instruments TLVM13640 Datasheet HTML 5Page - Texas Instruments TLVM13640 Datasheet HTML 6Page - Texas Instruments TLVM13640 Datasheet HTML 7Page - Texas Instruments TLVM13640 Datasheet HTML 8Page - Texas Instruments TLVM13640 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
RT
I
Frequency setting pin. This analog pin is used to set the switching frequency between 200 kHz and
2.2 MHz by placing an external resistor from this pin to AGND. Do not leave open or connect to
ground.
2
EN
I
Precision enable input pin. High = on, low = off. Can be connected to VIN. Precision enable allows
the pin to be used as an adjustable UVLO. Place an external voltage divider between this pin, AGND,
and VIN to create an external UVLO.
3, 4, 18, 19
VIN
P
Input supply voltage. Connect the input supply to these pins. Connect input capacitors between these
pins and PGND in close proximity to the device. Refer to Section 10.2 for input capacitor placement
example.
5, 6, 16, 17,
28, 29
PGND
G
Power ground. This is the return current path for the power stage of the device. Connect this pad to
the input supply return, the load return, and the capacitors associated with the VIN and VOUT pins.
See Section 10.2 for a recommended layout.
7-10, 12–15,
30
VOUT
P
Output voltage. These pins are connected to the internal output inductor. Connect these pins to the
output load and connect external output capacitors between these pins and PGND.
11
SW
O
Switch node. Do not place any external component on this pin or connect to any signal. The amount
of copper placed on these pins must be kept to a minimum to prevent issues with noise and EMI.
20,21
DNC
–
Do Not Connect. Do not connect these pins to ground, to another DNC pin, or to any other voltage.
These pins are connected to internal circuitry. Each pin must be soldered to an isolated pad.
22
VLDOIN
P
Optional LDO supply input. Connect to VOUT or to other voltage rail to improve efficiency. Connect
an optional high quality 0.1-μF to 1-μF capacitor from this pin to ground for improved noise immunity.
Do not connect to a voltage above 12 V or to a voltage greater than VIN. If unused, connect this pin
to ground..
23
VCC
O
Internal LDO output. Used as supply to internal control circuits. Do not connect to any external loads.
Connect a high-quality 1-μF ceramic capacitor from this pin to PGND.
24, 27
AGND
G
Analog ground. Zero voltage reference for internal references and logic. All electrical parameters are
measured with respect to this pin. This pin must be connected to PGND at a single point. See
Section 10.2 for a recommended layout.
25
FB
I
Feedback input. For the adjustable output version, connect the mid-point of the feedback resistor
divider to this pin. Connect the upper resistor (RFBT) of the feedback divider to VOUT at the desired
point of regulation. Connect the lower resistor (RFBB) of the feedback divider to AGND. When
connecting with feedback resistor divider, keep this FB trace short and as small as possible to avoid
noise coupling. See Section 10.2 for a feedback resistor placement.
26
PG
O
Power-good monitor. Open-drain output that asserts low if the feedback voltage is not within the
specified window thresholds. A 10-kΩ to 100-kΩ pullup resistor is required to a suitable pullup
voltage. If not used, this pin can be left open or connected to PGND.
(1)
P = Power, G = Ground, I = Input, O = Output
TLVM13630
SLVSFT6B – MAY 2021 – REVISED JANUARY 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com