Electronic Components Datasheet Search
  English  ▼

X  

TLVM13640 Datasheet(PDF) 34 Page - Texas Instruments

Part # TLVM13640
Description  TLVM13630 High-Density, 3-V to 36-V Input, 1-V to 6-V Output, 3-A Power Module With Enhanced HotRod™ QFN Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLVM13640 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLVM13640 Datasheet HTML 30Page - Texas Instruments TLVM13640 Datasheet HTML 31Page - Texas Instruments TLVM13640 Datasheet HTML 32Page - Texas Instruments TLVM13640 Datasheet HTML 33Page - Texas Instruments TLVM13640 Datasheet HTML 34Page - Texas Instruments TLVM13640 Datasheet HTML 35Page - Texas Instruments TLVM13640 Datasheet HTML 36Page - Texas Instruments TLVM13640 Datasheet HTML 37Page - Texas Instruments TLVM13640 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
10 Layout
The performance of any switching power supply depends as much upon the layout of the PCB as the component
selection. Use the following guidelines to design a PCB with the best power conversion performance, optimal
thermal performance, and minimal generation of unwanted EMI.
10.1 Layout Guidelines
To achieve optimal electrical and thermal performance, an optimized PCB layout is required. Figure 10-1 and
Figure 10-2 show a typical PCB layout. Some considerations for an optimized layout are:
• Use large copper areas for power planes (VIN, VOUT, and PGND) to minimize conduction loss and thermal
stress.
• Place ceramic input and output capacitors close to the device pins to minimize high-frequency noise.
• Locate additional output capacitors between the ceramic capacitors and the load.
• Connect AGND to PGND at a single point.
• Place RFBT and RFBB as close as possible to the FB pin.
• Use multiple vias to connect the power planes to internal layers.
10.2 Layout Example
Figure 10-1. Typical Top-Layer Layout
Figure 10-2. Typical Top-Layer
10.2.1 Package Specifications
Table 10-1. Package Specifications Table
TPSM63603
VALUE
UNIT
Weight
123
mg
Flammability
Meets UL 94 V-0
MTBF calculated reliability
Per Bellcore TR-332, 50% stress, TA = 40°C, ground benign
84
MHrs
TLVM13630
SLVSFT6B – MAY 2021 – REVISED JANUARY 2022
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TLVM13630



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com