Electronic Components Datasheet Search
  English  ▼

X  

TMDS442 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMDS442
Description  4-TO-2 DVI/HDMI SWITCH
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS442 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMDS442 Datasheet HTML 30Page - Texas Instruments TMDS442 Datasheet HTML 31Page - Texas Instruments TMDS442 Datasheet HTML 32Page - Texas Instruments TMDS442 Datasheet HTML 33Page - Texas Instruments TMDS442 Datasheet HTML 34Page - Texas Instruments TMDS442 Datasheet HTML 35Page - Texas Instruments TMDS442 Datasheet HTML 36Page - Texas Instruments TMDS442 Datasheet HTML 37Page - Texas Instruments TMDS442 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
www.ti.com
I
2C Behavior
Master
Slave
DriverR
Driver T
V
Rdd
R
Rup
C
CABLE
C
SOURCE
C
I
C
O
C
slave
V
Tdd
R
Tup
C
medium
TMDS442
SLLS757A – AUGUST 2006 – REVISED MARCH 2007
When GE sets high, or GE sets low and 5V_EN sets high, the EN signal is the AND result of the 5V_PWR and
the I2CEN. When GE sets low and 5V_EN sets low, the EN signals follows the status of I2CEN. See Table 5.
Table 5. Truth Table for the EN Signal of the I2C Driver
GE
5V_EN(1)
5V_PWR
I2CEN
EN
1
X
1
1
1
1
X
1
0
0
1
X
0
1
0
1
X
0
0
0
0
1
1
1
1
0
1
1
0
0
0
1
0
1
0
0
1
0
0
0
0
0
1
1
1
0
0
1
0
0
0
0
0
1
1
0
0
0
0
0
(1)
X is 1 or 0
The I2CEN pin is active-high with an internal pull-up to VCC. It can be used to isolate a badly behaved slave
during powering up. It should never change state during an I2C operation because disabling during a bus
operation may hang the bus and enabling part way through a bus cycle could confuse the I2C parts being
enabled.
The typical application of the TMDS442 is as a repeater in a TV connecting the HDMI input connector and an
internal HDMI Rx through flat cables. The I2C repeater is 5-V tolerant, and no additional circuitry is required to
translate between 3.3-V to 5-V bus voltages. In the following example, the system master is running on an R-side
I2C-bus while the slave is connected to a T-side bus. Both buses run at 100 kHz supporting standard-mode I2C
operation. Master devices can be placed on either bus.
Figure 36. Typical Application
Figure 37 illustrates the waveforms seen on the R-side I2C-bus when the master writes to the slave through the
I2C repeater circuit of the TMDS442. This looks like a normal I2C transmission, and the turn on and turn off of the
acknowledge signals are slightly delayed.
34
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): TMDS442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com