Electronic Components Datasheet Search
  English  ▼

X  

TMDS442 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMDS442
Description  4-TO-2 DVI/HDMI SWITCH
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS442 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMDS442 Datasheet HTML 4Page - Texas Instruments TMDS442 Datasheet HTML 5Page - Texas Instruments TMDS442 Datasheet HTML 6Page - Texas Instruments TMDS442 Datasheet HTML 7Page - Texas Instruments TMDS442 Datasheet HTML 8Page - Texas Instruments TMDS442 Datasheet HTML 9Page - Texas Instruments TMDS442 Datasheet HTML 10Page - Texas Instruments TMDS442 Datasheet HTML 11Page - Texas Instruments TMDS442 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TMDS442
SLLS757A – AUGUST 2006 – REVISED MARCH 2007
RECOMMENDED OPERATING CONDITIONS (continued)
MIN
NOM
MAX
UNIT
VIL
LVTTL Low-level input voltage
GND
0.8
V
CONTROL PINS (OVS)
VIH
LVTTL High-level input voltage
3
3.6
V
VIL
LVTTL Low-level input voltage
-0.5
0.5
V
STATUS PINS (HPD_SINK, 5V_PWR)
VIH
High-level input voltage
2
5.3
V
VIL
Low-level input voltage
GND
0.8
V
DDC I/O PINS (SCL_SINK, SDA_SINK)
VIH
High-level input voltage
0.7VCC
5.5
V
VIL
Low-level input voltage
-0.5
0.3VCC
V
VILC
Low-level input voltage contention(1)
-0.5
0.4
V
DDC I/O PINS (SCL, SDA)
VIH
High-level input voltage
2.1
5.5
V
VIL
Low-level input voltage
-0.5
1.5
V
LOCAL I2C PINS (LC_SCL, LC_SDA)
VIH
High-level input voltage
0.7VCC
VCC
V
VIL
Low-level input voltage
-0.5
0.3VCC
V
(1)
VIL specification is for the first low level seen by the SCL_SINK/SDA_SINK lines. VILC is for the second and subsequent low levels seen
by the SCL_SINK/SDA_SINK lines.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIH = VCC, VIL = VCC – 0.4 V, RT = 50 Ω,
AVCC = 3.3 V,
ICC
Supply current
250
412(2)
mA
Ai/Bi(2:4) = 1.65-Gbps HDMI data pattern,
Ai/Bi(1) = 165-MHz Pixel clock
VIH = VCC, VIL = VCC – 0.4 V, RT = 50 Ω,
AVCC = 3.3 V,
PD
Power dissipation
640
1344(2)
mW
Ai/Bi(2:4) = 1.65-Gbps HDMI data pattern,
Ai/Bi(1) = 165-MHz Pixel clock
TMDS DIFFERENTIAL PINS (A/B, Y/Z)
VOH
Single-ended high-level output voltage
AVCC–10
AVCC+10
mV
VOL
Single-ended low-level output voltage
AVCC–600
AVCC–400
mV
Vswing
Single-ended output swing voltage
400
600
mV
See Figure 4, AVCC = 3.3 V,
VOD(O)
Overshoot of output differential voltage
15%
2
× V
swing
RT = 50 Ω
VOD(U)
Undershoot of output differential voltage
25%
2
× V
swing
Change in steady-state common-mode
ΔVOC(SS)
5
mV
output voltage between logic states
0 V
≤ VCC ≤ 1.5 V,
I(O)OFF
Single-ended standby output current
–10
10
µA
AVCC = 3.3 V, RT = 50 Ω
VOD(pp)
Peak-to-peak output differential voltage
800
1200
See Figure 5, PRE = High,
mVp-p
Steady state output differential voltage
AVCC = 3.3 V, RT = 50 Ω
VODE(SS)
560
840
with de-emphasis
PRE = Low
-12
12
I(OS)
Short circuit output current
See Figure 6
mA
PRE = High
-15
15
Single-ended input voltage under high
VI(open)
II = 10 µA
VCC–10
VCC+10
mV
impedance input or open input
RINT
Input termination resistance
VIN = 2.9 V
45
50
55
Ω
STATUS PINS (HPD_SINK, 5V_PWR)
(1)
All typical values are at 25
°C and with a 3.3-V supply.
(2)
The maximum rating is characterized under 3.6 V VCC.
8
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): TMDS442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com