Electronic Components Datasheet Search
  English  ▼

X  

TMDS442 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMDS442
Description  4-TO-2 DVI/HDMI SWITCH
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS442 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMDS442 Datasheet HTML 7Page - Texas Instruments TMDS442 Datasheet HTML 8Page - Texas Instruments TMDS442 Datasheet HTML 9Page - Texas Instruments TMDS442 Datasheet HTML 10Page - Texas Instruments TMDS442 Datasheet HTML 11Page - Texas Instruments TMDS442 Datasheet HTML 12Page - Texas Instruments TMDS442 Datasheet HTML 13Page - Texas Instruments TMDS442 Datasheet HTML 14Page - Texas Instruments TMDS442 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
www.ti.com
TIMING CHARACTERISTICS FOR LOCAL I
2C INTERFACE (LC_SCL, LC_SDA, LC_AO, LC_A1)
TMDS442
SLLS757A – AUGUST 2006 – REVISED MARCH 2007
STANDARD MODE
FAST MODE
PARAMETER
UNIT
MIN
MAX
MIN
MAX
fSCL
Clock frequency, SCL
100
400
kHz
tw(L)
Clock low period, SCL low
4.7
1.3
μs
tw(H)
Clock high period, SCL high
4
0.6
μs
tr
Rise time, SCL and SDA
1000
300
μs
tf
Fall time, SCL and SDA
300
300
μs
tsu(1)
Setup time, SDA to SCL
250
100
μs
th(1)
Hold time, SCL to SDA
0
0
μs
t(buf)
BUS Free time between a STOP and START condition
4.7
1.3
μs
tsu(2)
Setup time, SCL to start condition
4.7
0.6
μs
th(2)
Hold time, start condition to SCL
4
0.6
μs
tsu(3)
Setup time, SCL to stop condition
4
0.6
μs
Cb
(1)
Capacitive load for each bus line
400
400
pF
(1)
Cb is the total capacitance of one bus line in pF.
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TMDS442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com