Electronic Components Datasheet Search
  English  ▼

X  

TMDS442 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMDS442
Description  4-TO-2 DVI/HDMI SWITCH
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMDS442 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMDS442 Datasheet HTML 9Page - Texas Instruments TMDS442 Datasheet HTML 10Page - Texas Instruments TMDS442 Datasheet HTML 11Page - Texas Instruments TMDS442 Datasheet HTML 12Page - Texas Instruments TMDS442 Datasheet HTML 13Page - Texas Instruments TMDS442 Datasheet HTML 14Page - Texas Instruments TMDS442 Datasheet HTML 15Page - Texas Instruments TMDS442 Datasheet HTML 16Page - Texas Instruments TMDS442 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
www.ti.com
t
PHL
t
PLH
100%
0V Differential
0%
80%
20%
t f
t
r
0.4 V
0 V
−0.4 V
Vcc
TMDS
Receiver
TMDS
Driver
Y
A
AVcc
CL
0.5 pF
Vcc
Vcc−0.4 V
n
DC Coupled
Vcc+0.2 V
Vcc−0.2 V
AC Coupled
B
VID = VA − VB
Vswing = VY − VZ
VB
VA
VID
VZ
VY
Z
VB
VA
VID
VID
RINT
RINT
RT
RT
VOC
VID(pp)
VOD(pp)
Vswing
VOD(O)
VOC(SS)
VOD(U)
TMDS442
SLLS757A – AUGUST 2006 – REVISED MARCH 2007
PARAMETER MEASUREMENT INFORMATION (continued)
NOTE: PRE = low. All input pulses are supplied by a generator having the following characteristics: tr or tf < 100 ps, 100 MHz
from Agilent 81250. CL includes instrumentation and fixture capacitance within 0.06 m of the D.U.T. Measurement
equipment provides a bandwidth of 20 GHz minimum.
Figure 4. TMDS Timing Test Circuit and Definitions
Copyright © 2006–2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TMDS442



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com