Electronic Components Datasheet Search
  English  ▼

X  

AD9744 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9744
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744 Datasheet(HTML) 4 Page - Analog Devices

  AD9744 Datasheet HTML 1Page - Analog Devices AD9744 Datasheet HTML 2Page - Analog Devices AD9744 Datasheet HTML 3Page - Analog Devices AD9744 Datasheet HTML 4Page - Analog Devices AD9744 Datasheet HTML 5Page - Analog Devices AD9744 Datasheet HTML 6Page - Analog Devices AD9744 Datasheet HTML 7Page - Analog Devices AD9744 Datasheet HTML 8Page - Analog Devices AD9744 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD9744
Rev. B | Page 4 of 32
DYNAMIC SPECIFICATIONS
TMIN to TMAX, AVDD = 3.3 V, DVDD = 3.3 V, CLKVDD = 3.3 V, IOUTFS = 20 mA, differential transformer coupled output, 50 Ω doubly
terminated, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Output Update Rate (fCLOCK)
210
MSPS
Output Settling Time (tST) (to 0.1%)1
11
ns
Output Propagation Delay (tPD)
1
ns
Glitch Impulse
5
pV-s
Output Rise Time (10% to 90%)1
2.5
ns
Output Fall Time (10% to 90%)1
2.5
ns
Output Noise (IOUTFS = 20 mA)2
50
pA/√Hz
Output Noise (IOUTFS = 2 mA)2
30
pA/√Hz
Noise Spectral Density3
−155
dBm/Hz
AC LINEARITY
Spurious-Free Dynamic Range to Nyquist
fCLOCK = 25 MSPS; fOUT = 1.00 MHz
0 dBFS Output
77
90
dBc
−6 dBFS Output
87
dBc
−12 dBFS Output
82
dBc
−18 dBFS Output
82
dBc
fCLOCK = 65 MSPS; fOUT = 1.00 MHz
85
dBc
fCLOCK = 65 MSPS; fOUT = 2.51 MHz
84
dBc
fCLOCK = 65 MSPS; fOUT = 10 MHz
80
dBc
fCLOCK = 65 MSPS; fOUT = 15 MHz
75
dBc
fCLOCK = 65 MSPS; fOUT = 25 MHz
74
dBc
fCLOCK = 165 MSPS; fOUT = 21 MHz
73
dBc
fCLOCK = 165 MSPS; fOUT = 41 MHz
60
dBc
fCLOCK = 210 MSPS; fOUT = 41 MHz
68
dBc
fCLOCK = 210 MSPS; fOUT = 69 MHz
64
dBc
Spurious-Free Dynamic Range Within a Window
fCLOCK = 25 MSPS; fOUT = 1.00 MHz; 2 MHz Span
84
90
dBc
fCLOCK = 50 MSPS; fOUT = 5.02 MHz; 2 MHz Span
90
dBc
fCLOCK = 65 MSPS; fOUT = 5.03 MHz; 2.5 MHz Span
87
dBc
fCLOCK = 125 MSPS; fOUT = 5.04 MHz; 4 MHz Span
87
dBc
Total Harmonic Distortion
fCLOCK = 25 MSPS; fOUT = 1.00 MHz
−86
−77
dBc
fCLOCK = 50 MSPS; fOUT = 2.00 MHz
−77
dBc
fCLOCK = 65 MSPS; fOUT = 2.00 MHz
−77
dBc
fCLOCK = 125 MSPS; fOUT = 2.00 MHz
−77
dBc
Signal-to-Noise Ratio
fCLOCK = 65 MSPS; fOUT = 5 MHz; IOUTFS = 20 mA
82
dB
fCLOCK = 65 MSPS; fOUT = 5 MHz; IOUTFS = 5 mA
88
dB
fCLOCK = 125 MSPS; fOUT = 5 MHz; IOUTFS = 20 mA
77
dB
fCLOCK = 125 MSPS; fOUT = 5 MHz; IOUTFS = 5 mA
78
dB
fCLOCK = 165 MSPS; fOUT = 5 MHz; IOUTFS = 20 mA
70
dB
fCLOCK = 165 MSPS; fOUT = 5 MHz; IOUTFS = 5 mA
70
dB
fCLOCK = 210 MSPS; fOUT = 5 MHz; IOUTFS = 20 mA
74
dB
fCLOCK = 210 MSPS; fOUT = 5 MHz; IOUTFS = 5 mA
67
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com