Electronic Components Datasheet Search
  English  ▼

X  

AD9744 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9744
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9744 Datasheet HTML 16Page - Analog Devices AD9744 Datasheet HTML 17Page - Analog Devices AD9744 Datasheet HTML 18Page - Analog Devices AD9744 Datasheet HTML 19Page - Analog Devices AD9744 Datasheet HTML 20Page - Analog Devices AD9744 Datasheet HTML 21Page - Analog Devices AD9744 Datasheet HTML 22Page - Analog Devices AD9744 Datasheet HTML 23Page - Analog Devices AD9744 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD9744
Rev. B | Page 20 of 32
EVALUATION BOARD
GENERAL DESCRIPTION
The TxDAC family evaluation boards allow for easy setup and
testing of any TxDAC product in the SOIC and LFCSP pack-
ages. Careful attention to layout and circuit design, combined
with a prototyping area, allows the user to evaluate the AD9744
easily and effectively in any application where high resolution,
high speed conversion is required.
This board allows the user the flexibility to operate the AD9744
in various configurations. Possible output configurations in-
clude transformer coupled, resistor terminated, and single and
differential outputs. The digital inputs are designed to be driven
from various word generators, with the on-board option to add
a resistor network for proper load termination. Provisions are
also made to operate the AD9744 with either the internal or
external reference or to exercise the power-down feature.
RP5
OPT
16
1 RP3
22
Ω
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB13X
DB12X
DB11X
DB10X
DB9X
DB8X
DB7X
DB6X
DB5X
DB4X
DB3X
DB2X
DB1X
DB0X
15
2 RP3
22
Ω
14
3 RP3
22
Ω
13
4 RP3
22
Ω
12
5 RP3
22
Ω
11
6 RP3
22
Ω
10
7 RP3
22
Ω
9
8 RP3
22
Ω
16
1 RP4
22
Ω
15
2 RP4
22
Ω
14
3 RP4
22
Ω
13
4 RP4
22
Ω
12
5 RP4
22
Ω
11
6 RP4
22
Ω
9
8 RP4
22
Ω
10
7 RP4
22
Ω
CKEXT
CKEXTX
RP6
OPT
RP1
OPT
RP2
OPT
21
DB13X
4
3
DB12X
65
DB11X
87
DB10X
10
9
DB9X
12
11
DB8X
14
13
DB7X
16
15
DB6X
18
17
DB5X
20
19
DB4X
22
21
DB3X
24
23
DB2X
26
25
DB1X
28
27
DB0X
30
29
32
31
34
33
CKEXTX
36
35
38
37
40
39
JP3
J1
RIBBON
TB1 1
TB1 2
L2
BEAD
C7
0.1
µF
TP4
BLK
+
DVDD
TP7
C6
0.1
µF
C4
10
µF
25V
BLK
BLK
TP8
TP2
RED
TB1 3
TB1 4
L3
BEAD
C9
0.1
µF
TP6
BLK
+
AVDD
TP10
C8
0.1
µF
C5
10
µF
25V
BLK
BLK
TP9
TP5
RED
Figure 41. SOIC Evaluation Board—Power Supply and Digital Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com