Electronic Components Datasheet Search
  English  ▼

X  

AD9744 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9744
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9744 Datasheet HTML 24Page - Analog Devices AD9744 Datasheet HTML 25Page - Analog Devices AD9744 Datasheet HTML 26Page - Analog Devices AD9744 Datasheet HTML 27Page - Analog Devices AD9744 Datasheet HTML 28Page - Analog Devices AD9744 Datasheet HTML 29Page - Analog Devices AD9744 Datasheet HTML 30Page - Analog Devices AD9744 Datasheet HTML 31Page - Analog Devices AD9744 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
AD9744
Rev. B | Page 31 of 32
COMPLIANT TO JEDEC STANDARDS MO-220-VHHD-2
0.30
0.23
0.18
0.20 REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
12° MAX
1.00
0.85
0.80
SEATING
PLANE
COPLANARITY
0.08
1
32
8
9
25
24
16
17
0.50
0.40
0.30
3.50 REF
0.50
BSC
PIN 1
INDICATOR
TOP
VIEW
5.00
BSC SQ
4.75
BSC SQ
3.45
3.30 SQ
3.15
PIN 1
INDICATOR
0.60 MAX
0.60 MAX
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
Figure 60. 32-Lead Lead Frame Chip Scale Package [LFCSP]
5 mm × 5 mm Body (CP-32-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Options
AD9744AR
−40°C to +85°C
28-Lead, 300-Mil SOIC
RW-28
AD9744ARRL
−40°C to +85°C
28-Lead, 300-Mil SOIC
RW-28
AD9744ARZ1
−40°C to +85°C
28-Lead, 300-Mil SOIC
RW-28
AD9744ARZRL1
−40°C to +85°C
28-Lead, 300-Mil SOIC
RW-28
AD9744ARU
−40°C to +85°C
28-Lead TSSOP
RU-28
AD9744ARURL7
−40°C to +85°C
28-Lead TSSOP
RU-28
AD9744ARUZ1
−40°C to +85°C
28-Lead TSSOP
RU-28
AD9744ARUZRL71
−40°C to +85°C
28-Lead TSSOP
RU-28
AD9744ACP
−40°C to +85°C
32-Lead LFCSP
CP-32-3
AD9744ACPRL7
−40°C to +85°C
32-Lead LFCSP
CP-32-3
AD9744ACPZ1
−40°C to +85°C
32-Lead LFCSP
CP-32-3
AD9744ACPZRL71
−40°C to +85°C
32-Lead LFCSP
CP-32-3
AD9744-EB
Evaluation Board (SOIC)
AD9744ACP-PCB
Evaluation Board (LFCSP)
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com