Electronic Components Datasheet Search
  English  ▼

X  

AD9744 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9744
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9744 Datasheet HTML 22Page - Analog Devices AD9744 Datasheet HTML 23Page - Analog Devices AD9744 Datasheet HTML 24Page - Analog Devices AD9744 Datasheet HTML 25Page - Analog Devices AD9744 Datasheet HTML 26Page - Analog Devices AD9744 Datasheet HTML 27Page - Analog Devices AD9744 Datasheet HTML 28Page - Analog Devices AD9744 Datasheet HTML 29Page - Analog Devices AD9744 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD9744
Rev. B | Page 26 of 32
C19
0.1
CVDD
CVDD
DB8
DB9
DB10
DB11
CLKB
DB5
DVDD
DB6
DB7
CLK
DB0
DB1
DB2
DB3
DB4
DB13
DB12
IOUT
AVDD
DVDD
CVDD
AVDD
DB8
DB9
DB10
DB11
IB
FS ADJ
CLKB
DB5
DVDD
DB6
DB7
CLK
CVDD
DCOM
DB0
DB1
DB2
DB3
DB4
DCOM1
DB13
ACOM1
AVDD
ACOM
IA
REFIO
AVDD1
SLEEP
DB12
CCOM
CMODE
MODE
CMODE
MODE
T1 – 1T
T1
JP8
JP9
4
3
2
1
5
6
AGND: 3, 4, 5
S3
50
Ω
R11
C13
28
25
17
23
21
22
18
19
27
26
24
20
29
30
31
32
DNP
DNP
C12
C11
0.1
µF
C17
0.1
µF
C19
0.1
µF
C32
0.1
µF
10k
Ω
R30
10k
Ω
R29
U1
AD9744LFCSP
14
5
6
7
8
9
10
11
12
1
2
3
4
13
15
16
WHT
TP1
WHT
TP11
JP1
0.1%
2k
Ω
R1
R10
50
Ω
WHT
TP3
TP7
WHT
SLEEP
Figure 50. LFCSP Evaluation Board Schematic—Output Signal Conditioning
U4
U4
JP2
AGND: 5
CVDD: 8
4
3
6
CVDD: 8
C35
0.1
µF
C20
10
µF
16V
S5
AGND: 3, 4, 5
C34
0.1
µF
CKEXT
CLK
CLKB
R5
120
Ω
R2
120
Ω
R6
50
Ω
CVDD
AGND: 5
2
1
7
CVDD
Figure 51. LFCSP Evaluation Board Schematic—Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com