Electronic Components Datasheet Search
  English  ▼

X  

AD9744 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9744
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744 Datasheet(HTML) 1 Page - Analog Devices

  AD9744 Datasheet HTML 1Page - Analog Devices AD9744 Datasheet HTML 2Page - Analog Devices AD9744 Datasheet HTML 3Page - Analog Devices AD9744 Datasheet HTML 4Page - Analog Devices AD9744 Datasheet HTML 5Page - Analog Devices AD9744 Datasheet HTML 6Page - Analog Devices AD9744 Datasheet HTML 7Page - Analog Devices AD9744 Datasheet HTML 8Page - Analog Devices AD9744 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
14-Bit, 210 MSPS
TxDAC® D/A Converter
AD9744
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
High performance member of pin-compatible
TxDAC product family
Excellent spurious-free dynamic range performance
SFDR to Nyquist
83 dBc @ 5 MHz output
80 dBc @ 10 MHz output
73 dBc @ 20 MHz output
SNR @ 5 MHz output, 125 MSPS: 77 dB
Twos complement or straight binary data format
Differential current outputs: 2 mA to 20 mA
Power dissipation: 135 mW @ 3.3 V
Power-down mode: 15 mW @ 3.3 V
On-chip 1.2 V reference
CMOS-compatible digital interface
28-lead SOIC, 28-lead TSSOP, and 32-lead LFCSP packages
Edge-triggered latches
APPLICATIONS
Wideband communication transmit channel
Direct IFs
Base stations
Wireless local loops
Digital radio links
Direct digital synthesis (DDS)
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
1.2V REF
REFLO
3.3V
RSET
0.1
µF
CLOCK
SLEEP
REFIO
FS ADJ
DVDD
DCOM
CLOCK
DIGITAL DATA INPUTS (DB13–DB0)
150pF
3.3V
AVDD
ACOM
AD9744
CURRENT
SOURCE
ARRAY
IOUTA
IOUTB
MODE
LSB
SWITCHES
SEGMENTED
SWITCHES
LATCHES
Figure 1.
GENERAL DESCRIPTION
The AD97441 is a 14-bit resolution, wideband, third generation
member of the TxDAC series of high performance, low power
CMOS digital-to-analog converters (DACs). The TxDAC fam-
ily, consisting of pin-compatible 8-, 10-, 12-, and 14-bit DACs,
is specifically optimized for the transmit signal path of commu-
nication systems. All of the devices share the same interface
options, small outline package, and pinout, providing an up-
ward or downward component selection path based on per-
formance, resolution, and cost. The AD9744 offers exceptional
ac and dc performance while supporting update rates up to
210 MSPS.
The AD9744’s low power dissipation makes it well suited for
portable and low power applications. Its power dissipation can
be further reduced to a mere 60 mW with a slight degradation
in performance by lowering the full-scale current output. Also,
a power-down mode reduces the standby power dissipation to
approximately 15 mW. A segmented current source architecture
is combined with a proprietary switching technique to reduce
spurious components and enhance dynamic performance.
Edge-triggered input latches and a 1.2 V temperature compen-
sated band gap reference have been integrated to provide a
complete monolithic DAC solution. The digital inputs support
3 V CMOS logic families.
PRODUCT HIGHLIGHTS
1. The AD9744 is the 14-bit member of the pin compatible TxDAC
family, which offers excellent INL and DNL performance.
2. Data input supports twos complement or straight binary data
coding.
3. High speed, single-ended CMOS clock input supports
210 MSPS conversion rate.
4. Low power: Complete CMOS DAC function operates on
135 mW from a 2.7 V to 3.6 V single supply. The DAC full-
scale current can be reduced for lower power operation, and a
sleep mode is provided for low power idle periods.
5. On-chip voltage reference: The AD9744 includes a 1.2 V
temperature compensated band gap voltage reference.
6. Industry-standard 28-lead SOIC, 28-lead TSSOP, and 32-lead
LFCSP packages.
1Protected by U.S. Patent Numbers 5568145, 5689257, and 5703519.


Similar Part No. - AD9744

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9744 AD-AD9744 Datasheet
1Mb / 32P
14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
AD9744-EBZ AD-AD9744-EBZ Datasheet
1Mb / 32P
14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
AD9744ACP-PCBZ AD-AD9744ACP-PCBZ Datasheet
1Mb / 32P
14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
AD9744ACPZ AD-AD9744ACPZ Datasheet
1Mb / 32P
14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
AD9744ACPZRL7 AD-AD9744ACPZRL7 Datasheet
1Mb / 32P
14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
More results

Similar Description - AD9744

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9410 AD-AD9410 Datasheet
315Kb / 20P
10-Bit, 210 MSPS A/D Converter
REV.0
logo
Intersil Corporation
ISL5961 INTERSIL-ISL5961_04 Datasheet
682Kb / 13P
14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
August 2004
logo
Analog Devices
AD9760ARUZ AD-AD9760ARUZ Datasheet
413Kb / 23P
10-Bit, 125 MSPS TxDAC짰 D/A Converter
REV. B
AD9708ARUZ AD-AD9708ARUZ Datasheet
249Kb / 16P
8-Bit, 100 MSPS TxDAC짰 D/A Converter
REV. B
AD9740ARRL AD-AD9740ARRL Datasheet
1Mb / 32P
10-Bit, 210 MSPS TxDAC D/A Converter
REV. B
AD9760ARRL AD-AD9760ARRL Datasheet
413Kb / 23P
10-Bit, 125 MSPS TxDAC짰 D/A Converter
REV. B
AD9760ARZ AD-AD9760ARZ Datasheet
413Kb / 23P
10-Bit, 125 MSPS TxDAC짰 D/A Converter
REV. B
logo
Intersil Corporation
ISL5961IBZ INTERSIL-ISL5961IBZ Datasheet
664Kb / 14P
14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
logo
Renesas Technology Corp
ISL5961 RENESAS-ISL5961 Datasheet
966Kb / 14P
14-Bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Analog Devices
AD9744 AD-AD9744_V01 Datasheet
1Mb / 32P
14-Bit, 210 MSPS TxDAC짰 D/A Converter
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com