Electronic Components Datasheet Search
  English  ▼

X  

AD9744 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9744
Description  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9744 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9744 Datasheet HTML 3Page - Analog Devices AD9744 Datasheet HTML 4Page - Analog Devices AD9744 Datasheet HTML 5Page - Analog Devices AD9744 Datasheet HTML 6Page - Analog Devices AD9744 Datasheet HTML 7Page - Analog Devices AD9744 Datasheet HTML 8Page - Analog Devices AD9744 Datasheet HTML 9Page - Analog Devices AD9744 Datasheet HTML 10Page - Analog Devices AD9744 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD9744
Rev. B | Page 7 of 32
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
28
27
26
25
24
23
22
21
NC = NO CONNECT
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
(LSB) DB0
CLOCK
DVDD
DCOM
MODE
AVDD
RESERVED
IOUTA
IOUTB
ACOM
NC
FS ADJ
REFIO
REFLO
SLEEP
DB10
DB11
DB12
(MSB) DB13
AD9744
TOP VIEW
(Not to Scale)
Figure 3. 28-Lead SOIC and TSSOP
24 FS ADJ
23 REFIO
22 ACOM
21 IOUTA
DB7 1
DB6 2
DVDD 3
20 IOUTB
19 ACOM
18 AVDD
17 AVDD
DB5 4
DB4 5
DB3 6
DB2 7
DB1 8
AD9744
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NC = NO CONNECT
Figure 4. 32-Lead LFCSP
Table 5. Pin Function Descriptions
SOIC/TSSOP
Pin No.
LFCSP
Pin No.
Mnemonic
Description
1
27
DB13
Most Significant Data Bit (MSB).
2 to 13
28 to 32,
1, 2, 4 to 8
DB12 to
DB1
Data Bits 12 to 1.
14
9
DB0
Least Significant Data Bit (LSB).
15
25
SLEEP
Power-Down Control Input. Active high. Contains active pull-down circuit; it may be left
unterminated if not used.
16
N/A
REFLO
Reference Ground when Internal 1.2 V Reference Used. Connect to ACOM for both internal
and external reference operation modes.
17
23
REFIO
Reference Input/Output. Serves as reference input when using external reference. Serves as
1.2 V reference output when using internal reference. Requires 0.1 µF capacitor to ACOM
when using internal reference.
18
24
FS ADJ
Full-Scale Current Output Adjust.
19
N/A
NC
No Internal Connection.
20
19, 22
ACOM
Analog Common.
21
20
IOUTB
Complementary DAC Current Output. Full-scale current when all data bits are 0s.
22
21
IOUTA
DAC Current Output. Full-scale current when all data bits are 1s.
23
N/A
RESERVED
Reserved. Do not connect to common or supply.
24
17, 18
AVDD
Analog Supply Voltage (3.3 V).
25
16
MODE
Selects Input Data Format. Connect to DCOM for straight binary, DVDD for twos complement.
N/A
15
CMODE
Clock Mode Selection. Connect to CLKCOM for single-ended clock receiver (drive CLK+ and
float CLK−). Connect to CLKVDD for differential receiver. Float for PECL receiver (terminations
on-chip).
26
10, 26
DCOM
Digital Common.
27
3
DVDD
Digital Supply Voltage (3.3 V).
28
N/A
CLOCK
Clock Input. Data latched on positive edge of clock.
N/A
12
CLK+
Differential Clock Input.
N/A
13
CLK−
Differential Clock Input.
N/A
11
CLKVDD
Clock Supply Voltage (3.3 V).
N/A
14
CLKCOM
Clock Common.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com