Electronic Components Datasheet Search
  English  ▼

X  

MS5541B Datasheet(PDF) 10 Page - Intersema Sensoric SA

Part # MS5541B
Description  MINIATURE 14 bar MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5541B Datasheet(HTML) 10 Page - Intersema Sensoric SA

Back Button MS5541B Datasheet HTML 6Page - Intersema Sensoric SA MS5541B Datasheet HTML 7Page - Intersema Sensoric SA MS5541B Datasheet HTML 8Page - Intersema Sensoric SA MS5541B Datasheet HTML 9Page - Intersema Sensoric SA MS5541B Datasheet HTML 10Page - Intersema Sensoric SA MS5541B Datasheet HTML 11Page - Intersema Sensoric SA MS5541B Datasheet HTML 12Page - Intersema Sensoric SA MS5541B Datasheet HTML 13Page - Intersema Sensoric SA MS5541B Datasheet HTML 14Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DA5541B_005.doc
September 25th, 2006
10
00005541766 ECN865
Example:
Word1, Word2, Word3 and Word4 (4x16 Bit)
D1 = 17788
D2 = 26603
Start
Convert calibration data into coefficients:
(see bit pattern of Word1-Word4)
Read calibration data (factory calibrated) from
PROM of MS5541
Read digital pressure value from MS5541
D1 (16 Bit)
Read digital temperature value from MS5541
Display pressure and temperature value
Basic equations:
Calculate calibration temperature
UT1=8*C5+10000
Calculate temperature compensated pressure
Difference between actual temperature and reference
temperature:
dT = D2 - UT1
Actual temperature:
TEMP = 200 + dT*(C6+100)/211 (0.1°C resolution)
resolution)
Calculate actual temperature
D2 (16 Bit)
SENST1
OFFT1
TCS
TCO
Tref
TEMPSENS
C1: Pressure sensitivity
(13 Bit)
C2: Pressure offset
(13 Bit)
C3: Temperature coefficient of pressure sensitivity (10 Bit)
C4: Temperature coefficient of pressure offset
(9 Bit)
C5: Reference Temperature
(12 Bit)
C6: Temperature coefficient of the temperature
(7 Bit)
Word1 = 18556
Word2 = 49183
Word3 = 22354
Word4 = 28083
C1 = 2319
C2 = 4864
C3 =
349
C4 =
219
C5 = 2002
C6 =
51
dT(D2) = D2 - Tref
TEMP(D2)=20°+dT(D2)*TEMPSENS
Offset at actual temperature:
OFF = C2 + ((C4-250)*dT)/212 + 10000
Sensitivity at actual temperature:
SENS = C1/2 + ((C3+200)*dT)/213 + 3000
Temperature compensated pressure in mbar:
P = (SENS * (D1-OFF))/212 + 1000
OFF(D2)=OFFT1+TCO*dT(D2)
SENS(D2)=SENST1+TCS*dT(D2)
P(D1,D2)=D1*SENS(D2)-OFF(D2)
dT
= 587
TEMP = 243
= 24.3 °C
OFF = 14859
SENS = 4198
P
= 4001
= 4001 mbar
UT1 = 26016
Fig. 3: Flow chart for pressure/temperature reading and software compensation.
NOTES
1) Readings of D2 can be done less frequently, but the display will be less stable in this case
2) For a stable display of 1 mbar resolution, it is recommended to display the average of 4 to 8 subsequent
pressure values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com