Electronic Components Datasheet Search
  English  ▼

X  

MS5541B Datasheet(PDF) 17 Page - Intersema Sensoric SA

Part # MS5541B
Description  MINIATURE 14 bar MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5541B Datasheet(HTML) 17 Page - Intersema Sensoric SA

Back Button MS5541B Datasheet HTML 10Page - Intersema Sensoric SA MS5541B Datasheet HTML 11Page - Intersema Sensoric SA MS5541B Datasheet HTML 12Page - Intersema Sensoric SA MS5541B Datasheet HTML 13Page - Intersema Sensoric SA MS5541B Datasheet HTML 14Page - Intersema Sensoric SA MS5541B Datasheet HTML 15Page - Intersema Sensoric SA MS5541B Datasheet HTML 16Page - Intersema Sensoric SA MS5541B Datasheet HTML 17Page - Intersema Sensoric SA MS5541B Datasheet HTML 18Page - Intersema Sensoric SA  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
DA5541B_005.doc
September 25th, 2006
17
00005541766 ECN865
ASSEMBLY
MECHANICAL STRESS
It is recommended to avoid mechanical stress on the PCB on which the sensor is mounted. The thickness of the
PCB should be not below 1.6 mm. A thicker PCB is more stiff creating less stress on the soldering contacts. For
applications where mechanical stress cannot be avoided (for example ultrasound welding of the case or thin
PCB’s in watches) please fix the sensor with drops of low stress epoxy (for example Hysol FP-4401).
MOUNTING
The MS5541B can be placed with automatic Pick&Place equipment using vacuum nozzles. It will not be
damaged by the vacuum. Due to the low stress assembly the sensor does not show pressure hysteresis effects.
Special care has to be taken to not touch the protective gel of the sensor during the assembly.
It is important to solder all contact pads. The Pins PEN and PV shall be left open or connected to Vdd. Do not
connect the Pins PEN and PV to GND!
SEALING WITH O-RING
In products like diving computers the electronics must be protected against direct water or humidity. For those
products the MS5541B provides the possibility to seal with an O-ring. The protective cap of the MS5541B is
made of special anticorrosive stainless steel with a polished surface. In addition to this the MS5541B is filled with
silicone gel covering the sensor and the bonding wires. The O-ring (or O-rings) shall be placed at the outer
diameter of the metal cap. This method avoids mechanical stress because the sensor can move in vertical
direction.
CLEANING
The MS5541B has been manufactured under cleanroom conditions. Each device has been inspected for the
homogeneity and the cleanness of the silicone gel. It is therefore recommended to assemble the sensor under
class 10’000 or better conditions. Should this not be possible, it is recommended to protect the sensor opening
during assembly from entering particles and dust. To avoid cleaning of the PCB, solder paste of type “no-clean”
shall be used. Cleaning might damage the sensor!
ESD PRECAUTIONS
The electrical contacts except programming pads are protected against ESD according to 2KV HBM (human
body model). The PV programming pads are more sensitive due to the nature of the OTP programming cells
that store the calibration coefficients. The breakdown voltage of PV is 1kV. It is therefore essential to ground
machines and personal properly during assembly and handling of the device. The MS5541B is shipped in
antistatic transport boxes. Any test adapters or production transport boxes used during the assembly of the
sensor shall be of an equivalent antistatic material.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com