Electronic Components Datasheet Search
  English  ▼

X  

MS5541B Datasheet(PDF) 18 Page - Intersema Sensoric SA

Part # MS5541B
Description  MINIATURE 14 bar MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5541B Datasheet(HTML) 18 Page - Intersema Sensoric SA

Back Button MS5541B Datasheet HTML 10Page - Intersema Sensoric SA MS5541B Datasheet HTML 11Page - Intersema Sensoric SA MS5541B Datasheet HTML 12Page - Intersema Sensoric SA MS5541B Datasheet HTML 13Page - Intersema Sensoric SA MS5541B Datasheet HTML 14Page - Intersema Sensoric SA MS5541B Datasheet HTML 15Page - Intersema Sensoric SA MS5541B Datasheet HTML 16Page - Intersema Sensoric SA MS5541B Datasheet HTML 17Page - Intersema Sensoric SA MS5541B Datasheet HTML 18Page - Intersema Sensoric SA  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
DA5541B_005.doc
September 25th, 2006
18
00005541766 ECN865
ORDERING INFORMATION
Product
Code
Product
Art.-Nr.
Package
Comments
MS5541-BM
Miniature 14 bar
module with
metal cap
325541001
SMD hybrid with solder paste,
anticorrosive and antimagnetic
metal protection cap, silicon gel
sensor protection
Recommended
for outdoor
products
FACTORY CONTACTS
Intersema Sensoric SA
Ch. Chapons-des-Prés 11
CH-2022 BEVAIX
SWITZERLAND
Tel. (032) 847 9550
Tel. Int. +41 32 847 9550
Telefax +41 32 847 9569
e-mail:
http://www.intersema.ch
NOTICE
Intersema reserves the right to make changes to the products contained in this data sheet in order to improve the design or performance
and to supply the best possible products. Intersema assumes no responsibility for the use of any circuits shown in this data sheet, conveys
no license under any patent or other rights unless otherwise specified in this data sheet, and makes no claim that the circuits are free from
patent infringement. Applications for any devices shown in this data sheet are for illustration only and Intersema makes no claim or
warranty that such applications will be suitable for the use specified without further testing or modification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com