Electronic Components Datasheet Search
  English  ▼

X  

MS5541B Datasheet(PDF) 12 Page - Intersema Sensoric SA

Part # MS5541B
Description  MINIATURE 14 bar MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSEMA [Intersema Sensoric SA]
Direct Link  http://www.meas-spec.com/
Logo INTERSEMA - Intersema Sensoric SA

MS5541B Datasheet(HTML) 12 Page - Intersema Sensoric SA

Back Button MS5541B Datasheet HTML 8Page - Intersema Sensoric SA MS5541B Datasheet HTML 9Page - Intersema Sensoric SA MS5541B Datasheet HTML 10Page - Intersema Sensoric SA MS5541B Datasheet HTML 11Page - Intersema Sensoric SA MS5541B Datasheet HTML 12Page - Intersema Sensoric SA MS5541B Datasheet HTML 13Page - Intersema Sensoric SA MS5541B Datasheet HTML 14Page - Intersema Sensoric SA MS5541B Datasheet HTML 15Page - Intersema Sensoric SA MS5541B Datasheet HTML 16Page - Intersema Sensoric SA Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
DA5541B_005.doc
September 25th, 2006
12
00005541766 ECN865
SERIAL INTERFACE
The MS5541B communicates with microprocessors and other digital systems via a 3-wire synchronous serial
interface as shown in Fig. 1. The SCLK (Serial Clock) signal initiates the communication and synchronizes the
data transfer with each Bit being sampled by the MS5541B on the rising edge of SCLK and each Bit being sent
by the MS5541B on the rising edge of SCLK. The data should thus be sampled by the microcontroller on the
falling edge of SCLK and sent to the MS5541B with the falling edge of SCLK. The SCLK-signal is generated by
the microprocessor’s system. The digital data provided by the MS5541B on the DOUT pin is either the
conversion result or the software calibration data. In addition the signal DOUT (Data Out) is also used to indicate
the conversion status (conversion-ready signal, see below). The selection of the output data is done by sending
the corresponding instruction on the pin DIN (Data Input).
Following is a list of possible output data instructions:
• Conversion start for pressure measurement and ADC-data-out
“D1”
(Figure 6a)
• Conversion start for temperature measurement and ADC-data-out
“D2”
(Figure 6b)
• Calibration data read-out sequence for word 1
(Figure 6c)
• Calibration data read-out sequence for word 2
(Figure 6d)
• Calibration data read-out sequence for word 3
(Figure 6c)
• Calibration data read-out sequence for word 4
(Figure 6d)
• RESET sequence
(Figure 6e)
Every communication starts with an instruction sequence at pin DIN. Fig. 6 shows the timing diagrams for the
MS5541B. The device does not need a ‘Chip select’ signal. Instead there is a Start Sequence (3-Bit high) before
each Setup Sequence and Stop Sequence (3-Bit low) after each Setup Sequence. The Setup Sequence consists
in 4-Bit that select a reading of pressure, temperature or calibration data. In case of pressure- (D1) or
temperature- (D2) reading the module acknowledges the start of a conversion by a low to high transition at pin
DOUT during the last bit of the Stop Sequence.
Two additional clocks at SCLK are required after the acknowledge signal. Then SCLK is to be held low by the
microcontroller until a high to low transition on DOUT indicates the end of the conversion.
This signal can be used to create an interrupt in the microcontroller. The microcontroller may now read out the
16-Bit word by giving another 17 clocks on the SLCK pin. It is possible to interrupt the data read-out sequence
with a hold of the SCLK signal.
It is important to always read out the last conversion result before starting a new conversion.
The RESET-sequence is special as its unique pattern is recognized by the module in any state. By consequence
it can be used to restart if synchronization between the microcontroller and the MS5541B has been lost. This
sequence is 21-Bit long. The DOUT signal might change during that sequence (see Fig. 6e).
It is thus recommended to send the RESET-Sequence before each Conversion Sequence to avoid
hanging up the protocol permanently in case of electrical interference.
sequence: START+P-measurement
Bit7
Conversion start for pressure measurement and ADC-data-out "D1":
end of conversion
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
conversion
(33ms)
DB7
ADC-data out
MSB
ADC-data out
LSB
Bit8 Bit9
Start-bit
Stop-bit
DB6 DB5 DB4 DB3 DB2 DB1
DB0 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
start of conversion
Setup-bits
Fig. 6a: D1 acquisition sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com