Electronic Components Datasheet Search
  English  ▼

X  

TMP112 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMP112
Description  TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP112 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMP112 Datasheet HTML 11Page - Texas Instruments TMP112 Datasheet HTML 12Page - Texas Instruments TMP112 Datasheet HTML 13Page - Texas Instruments TMP112 Datasheet HTML 14Page - Texas Instruments TMP112 Datasheet HTML 15Page - Texas Instruments TMP112 Datasheet HTML 16Page - Texas Instruments TMP112 Datasheet HTML 17Page - Texas Instruments TMP112 Datasheet HTML 18Page - Texas Instruments TMP112 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
7 Detailed Description
7.1 Overview
The TMP112-Q1/TMP112D-Q1 device is a digital temperature sensor that is designed for thermal-management
and thermal-protection applications. The TMP112-Q1/TMP112D-Q1 device is two-wire, SMBus and I2C
interface-compatible. The device is specified over an operating temperature range of –40°C to 125°C. Figure 7-1
shows a block diagram of the TMP112-Q1/TMP112D-Q1 device. Figure 7-2 and Figure 7-3 illustrate the ESD
protection circuitry contained in the TMP112-Q1 and TMP112D-Q1 devices.
The temperature sensor in the TMP112-Q1/TMP112D-Q1 device comprises the whole chip. Thermal paths run
through the package leads as well as the plastic package. The package leads provide the primary thermal path
because of the lower thermal resistance of the metal.
An alternative version of the TMP112-Q1/TMP112D-Q1 device is available. The TMP102-Q1 device has reduced
accuracy, the same micro-package, and is pin-to-pin compatible.
Table 7-1. Advantages of TMP112-Q1 and TMP112D-Q1 vs TMP102-Q1
Device
Compatible
Interfaces
Package
Supply
Current
Supply
Voltage
(Min)
Supply
Voltage
(Max)
Resolution
Local Sensor Accuracy
(Max)
Specified
Calibration
Drift Slope
TMP112-Q1
I2C
SMBus
SOT563
(1.6 × 1.6 × 0.6)
10µA
1.4V
3.6V
12-bit
0.0625°C
±0.5°C: (0°C to 65°C)
±1°C: (-40°C to 125°C)
Yes
TMP112D-
Q1
I2C
SMBus
X2SON
(0.8 × 0.8 × 0.4)
SOT563
(1.6 × 1.6 × 0.6)
9µA
1.4V
3.6V
12-bit
0.0625°C
±0.4°C: (0°C to 65°C)
±0.5°C: (-25°C to 85°C)
±0.7°C: (-40°C to 125°C)
No
TMP102-Q1
I2C
SMBus
SOT563
(1.6 × 1.6 × 0.6)
10µA
1.4V
3.6V
12-bit
0.0625°C
±2°C: (-25°C to 85°C)
±3°C: (-40°C to 125°C)
No
7.2 Functional Block Diagram
Diode
temp.
sensor
ΔΣ
ADC
Oscillator
Control
logic
Serial
interface
Config.
and temp.
register
TMP112-Q1
Temperature
SCL
1
3
6
4
ALERT
SDA
GND
2
5
V+
ADD0
Figure 7-1. Internal Block Diagram (SOT563 Package)
www.ti.com
TMP112-Q1, TMP112D-Q1
SLOS887G – SEPTEMBER 2014 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: TMP112-Q1 TMP112D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com