Electronic Components Datasheet Search
  English  ▼

X  

TMP112 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMP112
Description  TMP112-Q1 and TMP112D-Q1 Automotive Grade High-Accuracy, Low-Power, Digital Temperature Sensor in SOT563 and X2SON Packages
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP112 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMP112 Datasheet HTML 21Page - Texas Instruments TMP112 Datasheet HTML 22Page - Texas Instruments TMP112 Datasheet HTML 23Page - Texas Instruments TMP112 Datasheet HTML 24Page - Texas Instruments TMP112 Datasheet HTML 25Page - Texas Instruments TMP112 Datasheet HTML 26Page - Texas Instruments TMP112 Datasheet HTML 27Page - Texas Instruments TMP112 Datasheet HTML 28Page - Texas Instruments TMP112 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
reset values of the configuration register. For compatibility, the first byte corresponds to the configuration register
in the TMP75 and TMP275 devices. All registers are updated byte by byte.
Table 7-9. Configuration and Power-Up and Reset Formats
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
OS
R1
R0
F1
F0
POL
TM
SD
0
1
1
0
0
0
0
0
2
CR1
CR0
AL
EM
0
0
0
0
1
0
1
0
0
0
0
0
7.5.3.1 Shutdown Mode (SD)
The shutdown mode bit saves maximum power by shutting down all device circuitry other than the serial
interface which reduces current consumption to typically less than 0.5μA for TMP112-Q1 and 0.15μA for
TMP112D-Q1. Shutdown mode is enabled when the SD bit is set to 1. When this bit is set to 1 the device
shuts down when current conversion is completed. When the SD bit is set to 0 the device maintains a continuous
conversion state.
7.5.3.2 Thermostat Mode (TM)
The Thermostat mode bit indicates to the device whether to operate in comparator mode (TM = 0 shown in
Figure 7-9) or interrupt mode (TM = 1 shown in Figure 7-10). For more information on comparator and interrupt
modes, see the High- and Low-Limit Registers section.
7.5.3.3 Polarity (POL)
The polarity bit allows the user to adjust the polarity of the ALERT pin/flag output. If the POL bit is set to 0
(default), the ALERT pin/flag becomes active low . When the POL bit is set to 1, the ALERT pin/flag becomes
active high and the state of the ALERT pin/flag is inverted. The operation of the ALERT pin/flag in various modes
is shown in Figure 7-9 and Figure 7-10.
THigh_Limit
TLow_Limit
Temperature
Conversions
ALERT pin/ ag
Polarity = 0b
ALERT pin/ ag
Polarity = 1b
I
2C Read
Temperature
Figure 7-9. Comparator Mode
www.ti.com
TMP112-Q1, TMP112D-Q1
SLOS887G – SEPTEMBER 2014 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TMP112-Q1 TMP112D-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com