Electronic Components Datasheet Search
  English  ▼

X  

TMP464 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMP464
Description  TMP464 High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP464 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 18Page - Texas Instruments TMP464 Datasheet HTML 19Page - Texas Instruments TMP464 Datasheet HTML 20Page - Texas Instruments TMP464 Datasheet HTML 21Page - Texas Instruments TMP464 Datasheet HTML 22Page - Texas Instruments TMP464 Datasheet HTML 23Page - Texas Instruments TMP464 Datasheet HTML 24Page - Texas Instruments TMP464 Datasheet HTML 25Page - Texas Instruments TMP464 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
22
TMP464
SBOS835C – MAY 2017 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Table 4. Software Reset Register Format
STATUS REGISTER (READ = 20h, WRITE = 20h, POR = 0x0000)
BIT NUMBER
BIT NAME
FUNCTION
15
RST
1 software reset device; writing a value of 0 is ignored
14-0
0
Reserved for future use; always reports 0
7.6.1.4 THERM Status Register
The THERM Status register reports the state of the THERM limit comparators for local and four remote
temperatures. Table 5 lists the status register bits. The THERM Status register is read-only and is read by
accessing pointer address 21h.
Table 5. THERM Status Register Format
THERM STATUS REGISTER (READ = 21h, WRITE = N/A)
BIT NUMBER
BIT NAME
FUNCTION
15:12
0
Reserved for future use; always reports 0.
11
R4TH
1 when Remote 4 exceeds the THERM limit
10
R3TH
1 when Remote 3 exceeds the THERM limit
9
R2TH
1 when Remote 2 exceeds the THERM limit
8
R1TH
1 when Remote 1 exceeds the THERM limit
7
LTH
1 when Local sensor exceeds the THERM limit
6:0
0
Reserved for future use; always reports 0.
The R4TH:R1TH and LTH flags are set when the corresponding temperature exceeds the respective
programmed THERM limit (39h, 42h, 4Ah, 52h, and 5Ah). These flags are reset automatically when the
temperature returns below the THERM limit minus the value set in the THERM Hysteresis register (38h). The
THERM output goes low in the case of overtemperature on either the local or remote channels, and goes high as
soon as the measurements are less than the THERM limit minus the value set in the THERM Hysteresis register.
The THERM Hysteresis register (38h) allows hysteresis to be added so that the flag resets and the output goes
high when the temperature returns to or goes below the limit value minus the hysteresis value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com