Electronic Components Datasheet Search
  English  ▼

X  

TMP464 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMP464
Description  TMP464 High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP464 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 26Page - Texas Instruments TMP464 Datasheet HTML 27Page - Texas Instruments TMP464 Datasheet HTML 28Page - Texas Instruments TMP464 Datasheet HTML 29Page - Texas Instruments TMP464 Datasheet HTML 30Page - Texas Instruments TMP464 Datasheet HTML 31Page - Texas Instruments TMP464 Datasheet HTML 32Page - Texas Instruments TMP464 Datasheet HTML 33Page - Texas Instruments TMP464 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Average Conversion Current = (Local Conversion Time) × (Conversions Per Second) × (Local Active IQ ) +
(Remote Conversion Time) × (Conversions Per Second) × (Remote Active IQ) × (Number of Active Channels +
(Standby Mode) × [1 ± ((Local Conversion Time) + (Remote Conversion Time) × (Number of Active
Channels)) × (Conversions Per Second)]
.
.
.
.
.
ERR
ERR
1 004
1 008
T
=
273 15
100 C
1 008
T
1 48 C
§
·
u
q
¨
¸
©
¹
q
O
ERR
1.008
T
273.15
T C
1.008
K
§
·
u
¨
¸
©
¹
30
TMP464
SBOS835C – MAY 2017 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Application (continued)
where
•
TERR = error in the TMP464 device because η ≠ 1.008
•
η = ideality factor of the remote temperature sensor
•
T(°C) = actual temperature, and
(4)
In Equation 4, the degree of delta is the same for °C and K.
For η = 1.004 and T(°C) = 100°C:
(5)
If a discrete transistor is used as the remote temperature sensor with the TMP464 device, then select the
transistor according to the following criteria for best accuracy:
•
Base-emitter voltage is > 0.25 V at 7.5 μA, at the highest-sensed temperature.
•
Base-emitter voltage is < 0.95 V at 120 μA, at the lowest-sensed temperature.
•
Base resistance is < 100 Ω.
•
Tight control of VBE characteristics indicated by small variations in hFE (50 to 150).
Based on these criteria, TI recommends using a MMBT3904 (NPN) or a MMBT3906 (PNP) transistor.
8.2.2 Detailed Design Procedure
The local temperature sensor inside the TMP464 is influenced by the ambient air around the device but mainly
monitors the PCB temperature that it is mounted to. The thermal time constant for the TMP464 device is
approximately two seconds. This constant implies that if the ambient air changes quickly by 100°C, then the
TMP464 device takes approximately 10 seconds (that is, five thermal time constants) to settle to within 1°C of
the final value. In most applications, the TMP464 package is in electrical (and therefore thermal) contact with the
printed-circuit board (PCB), and subjected to forced airflow. The accuracy of the measured temperature directly
depends on how accurately the PCB and forced airflow temperatures represent the temperature that the TMP464
device is measuring. Additionally, the internal power dissipation of the TMP464 device can cause the
temperature to rise above the ambient or PCB temperature. The internal power is negligible because of the small
current drawn by the TMP464 device. Equation 6 can be used to calculate the average conversion current for
power dissipation and self-heating based on the number of conversions per second and temperature sensor
channel enabled. Equation 7 shows an example with local and all remote sensor channels enabled and
conversion rate of 1 conversion per second; see the Electrical Characteristics table for typical values required for
these calculations. For a 3.3-V supply and a conversion rate of 1 conversion per second, the TMP464 device
dissipates 0.143 mW (PDIQ = 3.3 V × 43 μA) when both the remote and local channels are enabled.
(6)
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com