Electronic Components Datasheet Search
  English  ▼

X  

TMP464 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMP464
Description  TMP464 High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP464 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 7Page - Texas Instruments TMP464 Datasheet HTML 8Page - Texas Instruments TMP464 Datasheet HTML 9Page - Texas Instruments TMP464 Datasheet HTML 10Page - Texas Instruments TMP464 Datasheet HTML 11Page - Texas Instruments TMP464 Datasheet HTML 12Page - Texas Instruments TMP464 Datasheet HTML 13Page - Texas Instruments TMP464 Datasheet HTML 14Page - Texas Instruments TMP464 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
50
60
70
80
90
100
THERM2
THERM Limit
THERM Limit - Hysteresis
THERM
110
120
130
140
150
Temperature Conversion Complete
Time
Measured
Temperature
THERM2 Limit
THERM2 Limit - Hysteresis
11
TMP464
www.ti.com
SBOS835C – MAY 2017 – REVISED OCTOBER 2019
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Both local and remote temperature data use two bytes for data storage with a two's-complement format for
negative numbers. The high byte stores the temperature with 2°C resolution. The second or low byte stores the
decimal fraction value of the temperature and allows a higher measurement resolution, as shown in Table 1. The
measurement resolution for both the local and the remote channels is 0.0625°C.
7.3.2 Series Resistance Cancellation
Series resistance cancellation automatically eliminates the temperature error caused by the resistance of the
routing to the remote transistor or by the resistors of the optional external low-pass filter. A total up to 1-kΩ series
resistance can be cancelled by the TMP464 device, which eliminates the need for additional characterization and
temperature offset correction. See Figure 6 for details on the effects of series resistance on sensed remote
temperature error.
7.3.3 Differential Input Capacitance
The TMP464 device tolerates differential input capacitance of up to 1000 pF with minimal change in temperature
error. The effect of capacitance on the sensed remote temperature error is illustrated in Figure 7.
7.3.4 Sensor Fault
The TMP464 device can sense a fault at the D+ resulting from an incorrect diode connection. The TMP464
device can also sense an open circuit. Short-circuit conditions return a value of –256°C. The detection circuitry
consists of a voltage comparator that trips when the voltage at D+ exceeds (V+) – 0.3 V (typical). The
comparator output is continuously checked during a conversion. If a fault is detected, then the RxOP bit in the
Remote Channel Status register is set to 1.
When not using the remote sensor with the TMP464 device, the corresponding D+ and D– inputs must be
connected together to prevent meaningless fault warnings.
7.3.5
THERM Functions
Operation of the THERM (pin 10) and THERM2 (pin 11) interrupt pins are shown in Figure 12.
The hysteresis value is stored in the THERM Hysteresis register and applies to both the THERM and THERM2
interrupts.
Figure 12. THERM and THERM2 Interrupt Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com