Electronic Components Datasheet Search
  English  ▼

X  

TMP464 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMP464
Description  TMP464 High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP464 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 24Page - Texas Instruments TMP464 Datasheet HTML 25Page - Texas Instruments TMP464 Datasheet HTML 26Page - Texas Instruments TMP464 Datasheet HTML 27Page - Texas Instruments TMP464 Datasheet HTML 28Page - Texas Instruments TMP464 Datasheet HTML 29Page - Texas Instruments TMP464 Datasheet HTML 30Page - Texas Instruments TMP464 Datasheet HTML 31Page - Texas Instruments TMP464 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
D3+
D4+
SCL
SDA
THERM
ADD
V+
THERM2
14
4
3
13
12
9
TMP464
11
10
D1+
D2+
D-
6
5
7
GND
8
CDIFF
RS1
RS2
CDIFF
RS1
RS2
CDIFF
RS1
RS2
CDIFF
RS1
RS2
1.7 V to 3.6 V
CBYPASS
RSCL
RSDA
RT
RT2
Two-Wire
Interface
SMBus / I
2C
Compatible
Controller
Overtemperature
Shutdown
Local
Zone 5
Remote
Zone 1
Remote
Zone 2
Remote
Zone 3
Remote
Zone 4
Copyright © 2017, Texas Instruments Incorporated
28
TMP464
SBOS835C – MAY 2017 – REVISED OCTOBER 2019
www.ti.com
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TMP464 device requires a transistor connected between the D+ and D– pins for remote temperature
measurement. Tie the D+ pin to D– if the remote channel is not used and only the local temperature is
measured. The SDA, ALERT, and THERM pins (and SCL, if driven by an open-drain output) require pullup
resistors as part of the communication bus. TI recommends a 0.1-µF power-supply decoupling capacitor for local
bypassing. Figure 20 and Figure 21 illustrate the typical configurations for the TMP464 device.
8.2 Typical Application
(1)
The diode-connected configuration provides better settling time. The transistor-connected configuration provides
better series resistance cancellation. TI recommends a MMBT3904 or MMBT3906 transistor with an η-factor of 1.008.
(2)
RS (optional) is < 1 kΩ in most applications. RS is the combined series resistance connected externally to the D+, D–
pins. RS selection depends on the application.
(3)
CDIFF (optional) is < 1000 pF in most applications. CDIFF selection depends on the application; see Figure 7.
(4)
Unused diode channels must be tied to D– .
Figure 20. TMP464 Basic Connections Using a Discrete Remote Transistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com