Electronic Components Datasheet Search
  English  ▼

X  

TMP464 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMP464
Description  TMP464 High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP464 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMP464 Datasheet HTML 25Page - Texas Instruments TMP464 Datasheet HTML 26Page - Texas Instruments TMP464 Datasheet HTML 27Page - Texas Instruments TMP464 Datasheet HTML 28Page - Texas Instruments TMP464 Datasheet HTML 29Page - Texas Instruments TMP464 Datasheet HTML 30Page - Texas Instruments TMP464 Datasheet HTML 31Page - Texas Instruments TMP464 Datasheet HTML 32Page - Texas Instruments TMP464 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Processor, FPGA, or ASIC
TMP464
D+
D-
CDIFF
(3)
RS
(2)
RS
(2)
RS
(2)
RS
(2)
PNP Transistor-Connected Configuration
(1)
PNP Diode-Connected Configuration
(1)
Series Resistance
RS
(2)
RS
(2)
NPN Diode-Connected Configuration
(1)
Series Resistance
Series Resistance
RS
(2)
RS
(2)
Integrated PNP Transistor-Connected Configuration
(1)
Internal and PCB
Series Resistance
RS
(2)
RS
(2)
Copyright © 2017, Texas Instruments Incorporated
29
TMP464
www.ti.com
SBOS835C – MAY 2017 – REVISED OCTOBER 2019
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017–2019, Texas Instruments Incorporated
Typical Application (continued)
Figure 21. TMP464 Remote Transistor Configuration Options
8.2.1 Design Requirements
The TMP464 device is designed to be used with either discrete transistors or substrate transistors built into
processor chips, field programmable gate arrays (FPGAs), and application-specific integrated circuits (ASICs) ;
see Figure 21. Either NPN or PNP transistors can be used, as long as the base-emitter junction is used as the
remote temperature sensor. NPN transistors must be diode-connected. PNP transistors can either be transistor-
or diode-connected (see Figure 21).
Errors in remote temperature sensor readings are typically the consequence of the ideality factor (η-factor) and
current excitation used by the TMP464 device versus the manufacturer-specified operating current for a given
transistor. Some manufacturers specify a high-level and low-level current for the temperature-sensing substrate
transistors. The TMP464 uses 7.5 μA (typical) for ILOW and 120 μA (typical) for IHIGH.
The ideality factor (η-factor) is a measured characteristic of a remote temperature sensor diode as compared to
an ideal diode. The TMP464 allows for different η-factor values; see the η-Factor Correction Register section.
The η-factor for the TMP464 device is trimmed to 1.008. For transistors that have an ideality factor that does not
match the TMP464 device, Equation 4 can be used to calculate the temperature error.
NOTE
For Equation 4 to be used correctly, the actual temperature (°C) must be converted to
Kelvin (K).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com