Electronic Components Datasheet Search
  English  ▼

X  

TMUX1113 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMUX1113
Description  TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1113 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMUX1113 Datasheet HTML 20Page - Texas Instruments TMUX1113 Datasheet HTML 21Page - Texas Instruments TMUX1113 Datasheet HTML 22Page - Texas Instruments TMUX1113 Datasheet HTML 23Page - Texas Instruments TMUX1113 Datasheet HTML 24Page - Texas Instruments TMUX1113 Datasheet HTML 25Page - Texas Instruments TMUX1113 Datasheet HTML 26Page - Texas Instruments TMUX1113 Datasheet HTML 27Page - Texas Instruments TMUX1113 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
8.4 Device Functional Modes
The TMUX111x devices have four independently selectable single-pole, single-throw switches that are turned-on
or turned-off based on the state of the corresponding select pin. The control pins can be as high as 5.5V.
The TMUX111x devices can be operated without any external components except for the supply decoupling
capacitors. Unused logic control pins should be tied to GND or VDD so that the device does not consume
additional current as highlighted in Implications of Slow or Floating CMOS Inputs. Unused signal path inputs (Sx
or Dx) should be connection to GND.
8.5 Truth Tables
Table 8-1, Table 8-2, and Table 8-3 provides the truth tables for the TMUX1111, TMUX1112, and TMUX1113,
respectively.
Table 8-1. TMUX1111 Truth Table(1)
SEL x
CHANNEL x
0
Channel x ON
1
Channel x OFF
Table 8-2. TMUX1112 Truth Table
SEL x
CHANNEL x
0
Channel x OFF
1
Channel x ON
(1)
x denotes 1, 2, 3 , or 4 for the corresponding channel.
Table 8-3. TMUX1113 Truth Table(1)
SEL1
SEL2
SEL3
SEL4
ON / OFF CHANNELS
0
X
X
X
CHANNEL 1 OFF
1
X
X
X
CHANNEL 1 ON
X
0
X
X
CHANNEL 2 ON
X
1
X
X
CHANNEL 2 OFF
X
X
0
X
CHANNEL 3 ON
X
X
1
X
CHANNEL 3 OFF
X
X
X
0
CHANNEL 4 OFF
X
X
X
1
CHANNEL 4 ON
(1)
X denotes do not care.
TMUX1111, TMUX1112, TMUX1113
SCDS408C – FEBRUARY 2019 – REVISED DECEMBER 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX1111 TMUX1112 TMUX1113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com