Electronic Components Datasheet Search
  English  ▼

X  

TMUX1113 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMUX1113
Description  TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1113 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMUX1113 Datasheet HTML 23Page - Texas Instruments TMUX1113 Datasheet HTML 24Page - Texas Instruments TMUX1113 Datasheet HTML 25Page - Texas Instruments TMUX1113 Datasheet HTML 26Page - Texas Instruments TMUX1113 Datasheet HTML 27Page - Texas Instruments TMUX1113 Datasheet HTML 28Page - Texas Instruments TMUX1113 Datasheet HTML 29Page - Texas Instruments TMUX1113 Datasheet HTML 30Page - Texas Instruments TMUX1113 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
9.2.3 Application Curve
TMUX1111, TMUX1112, andTMUX1113 have excellent charge injection performance and ultra-low leakage
current, making them excellent choices to minimize sampling error for the sample and hold application.
VS - Source Voltage (V)
0
1
2
3
4
5
-20
-15
-10
-5
0
5
10
15
20
VDD = 5 V
VDD = 3.3 V
D011
TA = -40°C to +125°C
Figure 9-3. Charge Injection vs Source Voltage
VS or VD - Source or Drain Voltage (V)
0
1
2
3
4
5
-80
-60
-40
-20
0
20
40
60
80
D006
VDD= 5V
Figure 9-4. On-Leakage vs Source or Drain Voltage
9.3 Typical Application - Switched Gain Amplifier
Switches and multiplexers are commonly used in the feedback path of amplifier circuits to provide configurable
gain control. By using various resistor values on each switch path the TMUX111x allows the system to have
multiple gain settings. An external resistor, or utilizing 1 channel always being closed, causes the amplifier to
not operate in an open loop configuration. A transimpedance amplifier (TIA) for photodiode inputs is a common
circuit that requires gain control using a multi-channel switch to convert the output current of the photodiode into
a voltage for the MCU or processor. The leakage current, capacitance, and charge injection performance of the
TMUX111x are key specifications to evaluate when selecting a device for gain control.
+
-
RF_1
RF_2
RF_3
RF_4
IPD
SEL2
SEL4
SEL3
SEL1
Processor
VDD
VI/O
1.8V Logic I/O
VDD
0.1µF
Gain / Filter
Network
VDD
Digital Processing
ADC
OP
AMP
VDD
Figure 9-5. Switching Gain Settings of a TIA circuit
www.ti.com
TMUX1111, TMUX1112, TMUX1113
SCDS408C – FEBRUARY 2019 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: TMUX1111 TMUX1112 TMUX1113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com