Electronic Components Datasheet Search
  English  ▼

X  

TMUX1113 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMUX1113
Description  TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1113 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMUX1113 Datasheet HTML 21Page - Texas Instruments TMUX1113 Datasheet HTML 22Page - Texas Instruments TMUX1113 Datasheet HTML 23Page - Texas Instruments TMUX1113 Datasheet HTML 24Page - Texas Instruments TMUX1113 Datasheet HTML 25Page - Texas Instruments TMUX1113 Datasheet HTML 26Page - Texas Instruments TMUX1113 Datasheet HTML 27Page - Texas Instruments TMUX1113 Datasheet HTML 28Page - Texas Instruments TMUX1113 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TMUX11xx family offers ultra-low input/output leakage currents and low charge injection. These devices
operate up to 5.5V, and offer true rail-to-rail input and output of both analog and digital signals. The TMUX111x
have a low on-capacitance which allows faster settling time when multiplexing inputs in the time domain. These
features make the TMUX11xx devices a family of precision, high-performance switches and multiplexers for
low-voltage applications.
9.2 Typical Application - Sample-and-Hold Circuit
One useful application to take advantage of the TMUX1111, TMUX1112, and TMUX1113 performance is the
sample-and-hold circuit. A sample-and-hold circuit can be useful for an analog to digital converter (ADC) to
sample a varying input voltage with improved reliability and stability. It can also be used to store the output
samples from a single digital-to-analog converter (DAC) in a multi-output application. A simple sample-and-hold
circuit can be realized using an analog switch such as the TMUX1111, TMUX1112, and TMUX1113 analog
switches. Figure 9-1 shows a single channel sample-and hold circuit using only 1 of 4 channels in the TMUX111x
devices.
+
±
+
±
OP AMP
OP AMP
TMUX111x
V
OUT
SEL1
C
H
DAC
C
L
R
L
(1.8V Capable Control Logic)
SEL4
4 Channels
Figure 9-1. Single Channel Sample-and-Hold Circuit Example
An optional op amp is used before the switch since buffered DACs typically have limitations in driving capacitive
loads. The additional buffer stage is included following the DAC to prevent potential stability problems from
driving a large capacitive load.
Ideally, the switch delivers only the input signals to the holding capacitors. However, when the switch gets
toggled, some amount of charge also gets transferred to the switch output in the form of charge injection,
resulting in a pedestal sampling error. The TMUX1111, TMUX1112, and TMUX1113 switches have excellent
charge injection performance of only -1.5pC, making them excellent choices for this implementation to minimize
sampling error. The pedestal error voltage is indirectly related to the size of the capacitance on the output, for
better precision a larger capacitor is required due to charge injection. Larger capacitance limits the system
settling time which may not be acceptable in some applications. Figure 9-2 shows a TMUX111x device
configured for a 2-channel sample-and-hold circuit with pedestal error compensation.
www.ti.com
TMUX1111, TMUX1112, TMUX1113
SCDS408C – FEBRUARY 2019 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TMUX1111 TMUX1112 TMUX1113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com