Electronic Components Datasheet Search
  English  ▼

X  

TMUX1113 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMUX1113
Description  TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1113 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMUX1113 Datasheet HTML 24Page - Texas Instruments TMUX1113 Datasheet HTML 25Page - Texas Instruments TMUX1113 Datasheet HTML 26Page - Texas Instruments TMUX1113 Datasheet HTML 27Page - Texas Instruments TMUX1113 Datasheet HTML 28Page - Texas Instruments TMUX1113 Datasheet HTML 29Page - Texas Instruments TMUX1113 Datasheet HTML 30Page - Texas Instruments TMUX1113 Datasheet HTML 31Page - Texas Instruments TMUX1113 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
9.3.1 Design Requirements
For this design example, use the parameters listed in Table 9-1.
Table 9-1. Design parameters
PARAMETERS
VALUES
Supply (VDD)
3.3V
Input / Output signal range
0µA to 10µA
Control logic thresholds
1.8V compatible
9.3.2 Detailed Design Procedure
The TMUX111x devices can be operated without any external components except for the supply decoupling
capacitors. All inputs signals passing through the switch must fall within the recommend operating conditions of
the TMUX111x including signal range and continuous current. For this design example, with a supply of 3.3V, the
signals can range from 0V to 3.3V when the device is powered. The max continuous current can be 30mA.
Photodiodes commonly have a current output that ranges from a few hundred picoamps to tens of microamps
based on the amount of light being absorbed. The TMUX111x have a typical On-leakage current of less than
10pA which would lead to an accuracy well within 1% of a full scale 10µA signal. The low ON and OFF
capacitance of the TMUX111x improves system stability by minimizing the total capacitance on the output of the
amplifier. Lower capacitance leads to less overshoot and ringing in the system which can cause the amplifier
circuit to go unstable if the phase margin is not at least 45°. Refer to Improve Stability Issues with Low CON
Multiplexers for more information on calculating the phase margin vs. percent overshoot.
9.3.3 Application Curve
The TMUX1111 is capable of switching signals from high source-impedance inputs into a high input-impedance
op amp with minimal offset error because of the ultra-low leakage currents.
VS or VD - Source or Drain Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
-20
-15
-10
-5
0
5
10
15
20
VDD = 3.63 V
VDD = 1.98 V
VDD = 1.32 V
D005
TA = 25°C
Figure 9-6. On-Leakage vs Source or Drain Voltage
TMUX1111, TMUX1112, TMUX1113
SCDS408C – FEBRUARY 2019 – REVISED DECEMBER 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX1111 TMUX1112 TMUX1113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com