Electronic Components Datasheet Search
  English  ▼

X  

TMUX6113 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMUX6113
Description  TMUX611x ±17V, Low-capacitance, Low-leakage-current, Precision, Quad SPST Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6113 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX6113 Datasheet HTML 12Page - Texas Instruments TMUX6113 Datasheet HTML 13Page - Texas Instruments TMUX6113 Datasheet HTML 14Page - Texas Instruments TMUX6113 Datasheet HTML 15Page - Texas Instruments TMUX6113 Datasheet HTML 16Page - Texas Instruments TMUX6113 Datasheet HTML 17Page - Texas Instruments TMUX6113 Datasheet HTML 18Page - Texas Instruments TMUX6113 Datasheet HTML 19Page - Texas Instruments TMUX6113 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
VDD
VDD
VSS
VSS
Output
300 Ÿ
35 pF
SELx
GND
VIN
3 V
VIN
0 V
50%
50%
tON
tOFF
0.1 VS
0.9 VS
Output
VS
Sx
Dx
VS
0 V
3 V
50%
50%
VIN
TMUX6112
TMUX6111
Figure 8-5. Turn-On and Turn-Off Time Measurement Setup
8.1.6 Charge Injection
The TMUX6111, TMUX6112, and TMUX6113 have a simple transmission-gate topology. Any mismatch in
capacitance between the NMOS and PMOS transistors results in a charge injected into the drain or source
during the falling or rising edge of the gate signal. The amount of charge injected into the source or drain of the
device is known as charge injection, and is denoted by the symbol QINJ. Figure 8-6 shows the setup used to
measure charge injection.
VS
VOUT
VDD
VDD
VSS
VSS
Output
1 nF
SELx
GND
VIN
3 V
VIN
0 V
Output
RS
Sx
Dx
VS
0 V
3 V
VIN
TMUX6112
TMUX6111
QINJ = CL ×
VOUT
Figure 8-6. Charge-Injection Measurement Setup
8.1.7 Off Isolation
Off isolation is defined as the voltage at the drain pin (Dx) of the TMUX6111, TMUX6112, and TMUX6113 when
a 1-VRMS signal is applied to the source pin (Sx) of an OFF switch. Figure 8-7 shows the setup used to measure
off isolation. Use Equation 2 to compute off isolation.
TMUX6111, TMUX6112, TMUX6113
SCDS383F – AUGUST 2018 – REVISED JULY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX6111 TMUX6112 TMUX6113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com