Electronic Components Datasheet Search
  English  ▼

X  

TMUX6113 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMUX6113
Description  TMUX611x ±17V, Low-capacitance, Low-leakage-current, Precision, Quad SPST Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6113 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX6113 Datasheet HTML 2Page - Texas Instruments TMUX6113 Datasheet HTML 3Page - Texas Instruments TMUX6113 Datasheet HTML 4Page - Texas Instruments TMUX6113 Datasheet HTML 5Page - Texas Instruments TMUX6113 Datasheet HTML 6Page - Texas Instruments TMUX6113 Datasheet HTML 7Page - Texas Instruments TMUX6113 Datasheet HTML 8Page - Texas Instruments TMUX6113 Datasheet HTML 9Page - Texas Instruments TMUX6113 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
VDD to GND
Positive power supply voltage (dual supply)
5
17
V
VSS to GND
Negative power supply voltage (dual supply)
–5
–17
V
VS (2)
Source pins voltage
VSS
VDD
V
VD
Drain pin voltage
VSS
VDD
V
VDIG
Digital input pin (SEL1, SEL2, SEL3, SEL4) voltage
0
VDD
V
ICH
Channel current (TA = 25°C )
–25
25
mA
TA
Ambient temperature
–40
125
°C
(1)
VDD and VSS can be any value as long as 10V ≤ (VDD – VSS) ≤ 34V.
(2)
VS is the voltage on all the S pins.
6.5 Electrical Characteristics (Dual Supplies: ±15V)
At TA = 25°C, VDD = 15V, and VSS = -15V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG SWITCH
VA
Analog signal range
TA = –40°C to +125°C
VSS
VDD
V
RON
On-resistance
VS = 0V, IS = 1mA
120
135
Ω
VS = ±10V, IS = 1mA
140
160
Ω
TA = –40°C to +85°C
210
Ω
TA = –40°C to +125°C
245
Ω
ΔRON
On-resistance mismatch
between channels
VS = ±10V, IS = 1mA
2.5
6
Ω
TA = –40°C to +85°C
9
Ω
TA = –40°C to +125°C
11
Ω
RON_FLAT
On-resistance flatness
VS = –10V, 0V, +10V, IS =
1mA
23
33
Ω
TA = –40°C to +85°C
37
Ω
TA = –40°C to +125°C
38
Ω
RON_DRIFT
On-resistance drift
VS = 0V
0.52
%/°C
IS(OFF)
Source off leakage current(1)
Switch state is off, VS =
+10V/ –10V, VD = –10V/ +
10V
–0.02
0.005
0.02
nA
TA = –40°C to +85°C
-0.14
0.05
nA
TA = –40°C to +125°C
–1.3
0.25
nA
ID(OFF)
Drain off leakage current(1)
Switch state is off, VS =
+10V/ –10V, VD = –10V/
+10V
–0.02
0.005
0.02
nA
TA = –40°C to +85°C
–0.14
0.05
nA
TA = –40°C to +125°C
–1.3
0.25
nA
ID(ON)
Drain on leakage current
Switch state is on, VS =
+10V/ –10V, VD = –10V/
+10V
–0.04
0.01
0.04
nA
TA = –40°C to +85°C
–0.25
0.1
nA
TA = –40°C to +125°C
–1.8
0.5
nA
DIGITAL INPUT (SELx pins)
VIH
Logic voltage high
2
V
VIL
Logic voltage low
0.8
V
RPD(IN)
Pull-down resistance on SELx
pins
6
MΩ
POWER SUPPLY
IDD
VDD supply current
VA = 0V or 3.3V, VS = 0V
17
21
µA
TA = –40°C to +85°C
22
µA
TA = –40°C to +125°C
23
µA
TMUX6111, TMUX6112, TMUX6113
SCDS383F – AUGUST 2018 – REVISED JULY 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX6111 TMUX6112 TMUX6113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com