Electronic Components Datasheet Search
  English  ▼

X  

TMUX6113 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUX6113
Description  TMUX611x ±17V, Low-capacitance, Low-leakage-current, Precision, Quad SPST Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6113 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX6113 Datasheet HTML 1Page - Texas Instruments TMUX6113 Datasheet HTML 2Page - Texas Instruments TMUX6113 Datasheet HTML 3Page - Texas Instruments TMUX6113 Datasheet HTML 4Page - Texas Instruments TMUX6113 Datasheet HTML 5Page - Texas Instruments TMUX6113 Datasheet HTML 6Page - Texas Instruments TMUX6113 Datasheet HTML 7Page - Texas Instruments TMUX6113 Datasheet HTML 8Page - Texas Instruments TMUX6113 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TMUX611x ±17V, Low-capacitance, Low-leakage-current,
Precision, Quad SPST Switches
1 Features
• Wide supply range: ±5V to ±17V (dual),
10V to 17V (single)
• Latch-up performance meets 100mA per JESD78
Class II Level A on all pins
• Low on-capacitance: 4.2pF
• Low input leakage: 5pA
• Low charge injection: 0.6pC
• Rail-to-rail operation
• Low on-resistance: 120Ω
• Fast switch turn-on time: 66ns
• Break-before-make switching (TMUX6113)
• EN pin connectable to VDD
• Low supply current: 17µA
• Human Body Model (HBM) ESD protection: ± 2kV
on all pins
• Industry-standard TSSOP and smaller WQFN
packages
2 Applications
• Factory automation and industrial process controls
• Programmable logic controllers (PLC)
• Analog input modules
• Semiconductor test equipment
• Battery test equipment
3 Description
The
TMUX6111,
TMUX6112,
and
TMUX6113
devices are modern complementary metal-oxide
semiconductor (CMOS) devices that have four
independently selectable single-pole/ single-throw
(SPST) switches. The devices work well with dual
supplies (±5V to ±17V), a single supply (10V to
17V), or asymmetric supplies. All digital inputs have
transistor-transistor logic (TTL) compatible thresholds,
ensuring TTL/ CMOS logic compatibility.
The switches are turned on with Logic 0 on the digital
control inputs in the TMUX6111. Logic 1 is required to
turn on switches in the TMUX6112. The TMUX6113
has two switches with similar digital control logic to
the TMUX6111 while the logic is inverted on the other
two switches. The TMUX6113 exhibits break-before-
make switching, allowing the device to be used in the
cross-point switching application.
The TMUX611x devices are part of Texas Instruments
Precision Switches and Multiplexers family. The
devices have very low leakage current and charge
injection, allowing them to be used in high-precision
measurement
applications.
Low
supply
current
of 17µA enables the device usage in portable
applications.
Package Information
PART NUMBER(1)
PACKAGE(2)
BODY SIZE
TMUX6111
TMUX6112
TMUX6113
(TSSOP, 16)
5.00mm x 4.40mm
(WQFN, 16)
3.00mm x 3.00mm
(1)
See Section 4
(2)
For more information, see Section 12
TMUX6111, TMUX6112, TMUX6113
SCDS383F – AUGUST 2018 – REVISED JULY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUX6113

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6113 TI1-TMUX6113 Datasheet
380Kb / 26P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
TMUX6113PWR TI1-TMUX6113PWR Datasheet
380Kb / 26P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
TMUX6113RTER TI1-TMUX6113RTER Datasheet
380Kb / 26P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
More results

Similar Description - TMUX6113

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX326 MAXIM-MAX326 Datasheet
309Kb / 8P
Quad, SPST, Ultra-Low Leakage, CMOS Analog Switches
19-3985; Rev 2; 7/96
logo
Texas Instruments
MUX36S08 TI1-MUX36S08 Datasheet
1Mb / 37P
Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
logo
Vishay Siliconix
DG411LE VISHAY-DG411LE Datasheet
326Kb / 17P
Low Parasitic Capacitance and Leakage, Quad SPST Switches
07-Mar-16
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
Low Charge Injection and Leakage, Quad SPST Switches
07-Mar-16
logo
Texas Instruments
TMUX6111 TI1-TMUX6111 Datasheet
380Kb / 26P
36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
TMUX6119 TI1-TMUX6119 Datasheet
362Kb / 23P
36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
TMUX6121 TI1-TMUX6121 Datasheet
1Mb / 32P
(-)16.5-V, Low-Capacitance, Low-Leakage-Current, Precision, Dual SPST Switches
TMUX1111 TI1-TMUX1111 Datasheet
534Kb / 31P
5-V, low-leakage-current, 1:1 (SPST), 4-channel precision switches
TMUX1101 TI1-TMUX1101 Datasheet
544Kb / 31P
5-V, low-leakage-current, 1:1 (SPST) precision switches
TMUX1121 TI1-TMUX1121 Datasheet
630Kb / 35P
5-V, Low-Leakage-Current, 1:1 (SPST), 2-Channel Precision Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com