Electronic Components Datasheet Search
  English  ▼

X  

TMUX6113 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMUX6113
Description  TMUX611x ±17V, Low-capacitance, Low-leakage-current, Precision, Quad SPST Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6113 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX6113 Datasheet HTML 9Page - Texas Instruments TMUX6113 Datasheet HTML 10Page - Texas Instruments TMUX6113 Datasheet HTML 11Page - Texas Instruments TMUX6113 Datasheet HTML 12Page - Texas Instruments TMUX6113 Datasheet HTML 13Page - Texas Instruments TMUX6113 Datasheet HTML 14Page - Texas Instruments TMUX6113 Datasheet HTML 15Page - Texas Instruments TMUX6113 Datasheet HTML 16Page - Texas Instruments TMUX6113 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
7 Parameter Measurement Information
7.1 Truth Tables
Table 7-1, Table 7-2, Table 7-3and show the truth tables for the TMUX6111, TMUX6112, and TMUX6113,
respectively.
Table 7-1. TMUX6111 Truth Table
SELx
STATE
0
All Switch ON
1
All Switch OFF
Table 7-2. TMUX6112 Truth Table
SELx
STATE
0
All Switch OFF
1
All Switch ON
Table 7-3. TUMUX6113 Truth Table
SELx
STATE
0
Switch 1, 4 OFF
Switch 2, 3 ON
1
Switch 1, 4 ON
Switch 2, 3 OFF
www.ti.com
TMUX6111, TMUX6112, TMUX6113
SCDS383F – AUGUST 2018 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX6111 TMUX6112 TMUX6113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com