Electronic Components Datasheet Search
  English  ▼

X  

TMUX6113 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMUX6113
Description  TMUX611x ±17V, Low-capacitance, Low-leakage-current, Precision, Quad SPST Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6113 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMUX6113 Datasheet HTML 3Page - Texas Instruments TMUX6113 Datasheet HTML 4Page - Texas Instruments TMUX6113 Datasheet HTML 5Page - Texas Instruments TMUX6113 Datasheet HTML 6Page - Texas Instruments TMUX6113 Datasheet HTML 7Page - Texas Instruments TMUX6113 Datasheet HTML 8Page - Texas Instruments TMUX6113 Datasheet HTML 9Page - Texas Instruments TMUX6113 Datasheet HTML 10Page - Texas Instruments TMUX6113 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
At TA = 25°C, VDD = 15V, and VSS = -15V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISS
VSS supply current
VA = 0V or 3.3V, VS = 0V
8
10
µA
TA = –40°C to +85°C
11
µA
TA = –40°C to +125°C
12
µA
(1)
When VS is positive, VD is negative, and vice versa.
6.6 Switching Characteristics (Dual Supplies: ±15V)
At TA = 25°C, VDD = 15V, and VSS = -15V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tON
Enable turn-on time
VS = ±10V, RL = 300Ω , CL = 35pF
66
78
ns
VS = ±10V, RL = 300Ω , CL = 35pF, TA = –40°C to
+85°C
107
ns
VS = ±10V, RL = 300Ω , CL = 35pF, TA = –40°C to
+125°C
117
ns
tOFF
Enable turn-off time
VS = ±10V, RL = 300Ω , CL = 35pF
56
68
ns
VS = ±10V, RL = 300Ω , CL = 35pF, TA = –40°C to
+85°C
77
ns
VS = ±10V, RL = 300Ω , CL = 35pF, TA = –40°C to
+125°C
81
ns
tBBM
Break-before-make time delay
(TMUX6113 Only)
VS = 10V, RL = 300Ω , CL = 35pF, TA = –40°C to
+125°C
8
40
ns
QJ
Charge injection
VS = 0V, RS = 0Ω , CL = 1nF
0.6
pC
OISO
Off-isolation
RL = 50Ω , CL = 5pF, f = 1MHz
–85
dB
XTALK
Channel-to-channel crosstalk
RL = 50Ω , CL = 5pF, f = 1MHz, adjacent channel
–100
dB
RL = 50Ω , CL = 5pF, f = 1MHz, non-adjacentchannel
–115
dB
IL
Insertion loss
RL = 50Ω , CL = 5pF, f = 1MHz
–7.0
dB
ACPSRR
AC Power Supply Rejection
Ratio
RL = 10kΩ , CL = 5pF, VPP= 0.62V on VDD, f= 1MHz
–59
dB
RL = 10kΩ , CL = 5pF, VPP= 0.62V on VSS, f= 1MHz
–59
dB
BW
-3dB Bandwidth
RL = 50Ω , CL = 5pF
800
MHz
THD
Total harmonic distortion + noise RL = 10kΩ , CL = 5pF, f= 20Hz to 20kHz
0.08
%
CIN
Digital input capacitance
VIN = 0V or VDD
1.5
pF
CS(OFF)
Source off-capacitance
VS = 0V, f = 1MHz (PW package)
1.9
3.0
pF
VS = 0V, f = 1MHz (RTE package)
2.5
3.6
pF
CD(OFF)
Drain off-capacitance
VS = 0V, f = 1MHz
2.4
3.1
pF
CS(ON),
CD(ON)
Source and drain on-
capacitance
VS = 0V, f = 1MHz
4.2
6.0
pF
www.ti.com
TMUX6111, TMUX6112, TMUX6113
SCDS383F – AUGUST 2018 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TMUX6111 TMUX6112 TMUX6113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com