Electronic Components Datasheet Search
  English  ▼

X  

TMUX6113 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMUX6113
Description  TMUX611x ±17V, Low-capacitance, Low-leakage-current, Precision, Quad SPST Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6113 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMUX6113 Datasheet HTML 6Page - Texas Instruments TMUX6113 Datasheet HTML 7Page - Texas Instruments TMUX6113 Datasheet HTML 8Page - Texas Instruments TMUX6113 Datasheet HTML 9Page - Texas Instruments TMUX6113 Datasheet HTML 10Page - Texas Instruments TMUX6113 Datasheet HTML 11Page - Texas Instruments TMUX6113 Datasheet HTML 12Page - Texas Instruments TMUX6113 Datasheet HTML 13Page - Texas Instruments TMUX6113 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
6.9 Typical Characteristics
at TA = 25°C, VDD = 15V, and VSS = –15V (unless otherwise noted)
Source or Drain Voltage (V)
-20
-15
-10
-5
0
5
10
15
20
0
50
100
150
200
250
VDD= 12V
VSS = -12V
VDD= 13.5V
VSS = -13.5V
VDD= 15V
VSS = -15V
VDD= 16.5V
VSS = -16.5V
D001
Dual Supply Operation (TA = 25°C)
Figure 6-1. On-Resistance vs Source or Drain
Voltage
Source or Drain Voltage (V)
0
2
4
6
8
10
12
14
100
150
200
250
300
350
400
450
500
550
600
650
VDD= 14V
VSS = 0V
VDD= 12V
VSS = 0V
VDD= 10V
VSS = 0V
D002
Single Supply Operation (TA = 25°C)
Figure 6-2. On-Resistance vs Source or Drain
Voltage
Source or Drain Voltage (V)
-15
-10
-5
0
5
10
15
0
50
100
150
200
250
TA = -40qC
TA = 25qC
TA = 85qC
TA = 125qC
D003
VDD = 15V, VSS = –15V
Figure 6-3. On-Resistance vs Source or Drain
Voltage
Source or Drain Voltage (V)
0
2
4
6
8
10
12
0
100
200
300
400
500
600
700
TA = -40qC
TA = 25qC
TA = 85qC
TA = 125qC
D004
VDD = 12V, VSS = 0V
Figure 6-4. On-Resistance vs Source or Drain
Voltage
TMUX6111, TMUX6112, TMUX6113
SCDS383F – AUGUST 2018 – REVISED JULY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TMUX6111 TMUX6112 TMUX6113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com