Electronic Components Datasheet Search
  English  ▼

X  

TMUX6209 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX6209
Description  TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6209 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX6209 Datasheet HTML 1Page - Texas Instruments TMUX6209 Datasheet HTML 2Page - Texas Instruments TMUX6209 Datasheet HTML 3Page - Texas Instruments TMUX6209 Datasheet HTML 4Page - Texas Instruments TMUX6209 Datasheet HTML 5Page - Texas Instruments TMUX6209 Datasheet HTML 6Page - Texas Instruments TMUX6209 Datasheet HTML 7Page - Texas Instruments TMUX6209 Datasheet HTML 8Page - Texas Instruments TMUX6209 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison Table...............................................3
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Thermal Information....................................................6
6.4 Recommended Operating Conditions.........................6
6.5 Source or Drain Continuous Current...........................6
6.6 ±15 V Dual Supply: Electrical Characteristics ............7
6.7 ±15 V Dual Supply: Switching Characteristics ........... 8
6.8 36 V Single Supply: Electrical Characteristics ........... 9
6.9 36 V Single Supply: Switching Characteristics ........ 10
6.10 12 V Single Supply: Electrical Characteristics ....... 11
6.11 12 V Single Supply: Switching Characteristics .......12
6.12 ±5 V Dual Supply: Electrical Characteristics ..........13
6.13 ±5 V Dual Supply: Switching Characteristics ......... 14
6.14 Typical Characteristics............................................ 15
7 Parameter Measurement Information.......................... 20
7.1 On-Resistance.......................................................... 20
7.2 Off-Leakage Current................................................. 20
7.3 On-Leakage Current................................................. 21
7.4 Transition Time......................................................... 21
7.5 tON(EN) and tOFF(EN) .................................................. 22
7.6 Break-Before-Make...................................................22
7.7 tON (VDD) Time............................................................23
7.8 Propagation Delay.................................................... 23
7.9 Charge Injection........................................................24
7.10 Off Isolation.............................................................24
7.11 Crosstalk................................................................. 26
7.12 Bandwidth............................................................... 26
7.13 THD + Noise........................................................... 27
7.14 Power Supply Rejection Ratio (PSRR)................... 27
8 Detailed Description......................................................28
8.1 Overview................................................................... 28
8.2 Functional Block Diagram......................................... 28
8.3 Feature Description...................................................28
8.4 Device Functional Modes..........................................30
8.5 Truth Tables.............................................................. 30
9 Application and Implementation.................................. 31
9.1 Application Information............................................. 31
9.2 Typical Application.................................................... 31
9.3 Power Supply Recommendations.............................33
9.4 Layout....................................................................... 33
10 Device and Documentation Support..........................36
10.1 Documentation Support.......................................... 36
10.2 Receiving Notification of Documentation Updates..36
10.3 Support Resources................................................. 36
10.4 Trademarks.............................................................36
10.5 Electrostatic Discharge Caution..............................36
10.6 Glossary..................................................................36
11 Revision History.......................................................... 36
12 Mechanical, Packaging, and Orderable
Information.................................................................... 37
TMUX6208, TMUX6209
SCDS419E – NOVEMBER 2020 – REVISED JULY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX6208 TMUX6209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com