Electronic Components Datasheet Search
  English  ▼

X  

TMUX6209 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMUX6209
Description  TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6209 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX6209 Datasheet HTML 17Page - Texas Instruments TMUX6209 Datasheet HTML 18Page - Texas Instruments TMUX6209 Datasheet HTML 19Page - Texas Instruments TMUX6209 Datasheet HTML 20Page - Texas Instruments TMUX6209 Datasheet HTML 21Page - Texas Instruments TMUX6209 Datasheet HTML 22Page - Texas Instruments TMUX6209 Datasheet HTML 23Page - Texas Instruments TMUX6209 Datasheet HTML 24Page - Texas Instruments TMUX6209 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
7.3 On-Leakage Current
Source on-leakage current is defined as the leakage current flowing into or out of the source pin when the switch
is on. This current is denoted by the symbol IS(ON).
Drain on-leakage current is defined as the leakage current flowing into or out of the drain pin when the switch is
on. This current is denoted by the symbol ID(ON).
Either the source pin or drain pin is left floating during the measurement. Figure 7-3 shows the circuit used for
measuring the on-leakage current, denoted by IS(ON) or ID(ON).
S1
GND
VS
D
A
Is (ON)
VDD
VSS
IS(ON)
S1
GND
D
VD
S2
VDD
VSS
ID(ON)
ID (ON)
A
N.C.
N.C.
VS
S8
VS
S8
S2
Figure 7-3. On-Leakage Measurement Setup
7.4 Transition Time
Transition time is defined as the time taken by the output of the device to rise or fall 90% after the address signal
has risen or fallen past the logic threshold. The 90% transition measurement is utilized to provide the timing of
the device. System level timing can then account for the time constant added from the load resistance and load
capacitance. Figure 7-4 shows the setup used to measure transition time, denoted by the symbol tTRANSITION.
3 V
VADDRESS
0 V
50%
50%
tTRANSITION
tTRANSITION
10%
90%
Output
tr < 20 ns
tf < 20 ns
RL
CL
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
S1
GND
D
Output
0 V
VADDRESS
VS
S2
S8
A0
A1
A2
Figure 7-4. Transition-Time Measurement Setup
www.ti.com
TMUX6208, TMUX6209
SCDS419E – NOVEMBER 2020 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX6208 TMUX6209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com