Electronic Components Datasheet Search
  English  ▼

X  

TMUX6209 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMUX6209
Description  TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6209 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX6209 Datasheet HTML 22Page - Texas Instruments TMUX6209 Datasheet HTML 23Page - Texas Instruments TMUX6209 Datasheet HTML 24Page - Texas Instruments TMUX6209 Datasheet HTML 25Page - Texas Instruments TMUX6209 Datasheet HTML 26Page - Texas Instruments TMUX6209 Datasheet HTML 27Page - Texas Instruments TMUX6209 Datasheet HTML 28Page - Texas Instruments TMUX6209 Datasheet HTML 29Page - Texas Instruments TMUX6209 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
7.11 Crosstalk
Crosstalk is defined as the ratio of the signal at the drain pin (D) of a different channel, when a signal is applied
at the source pin (Sx) of an on-channel. Figure 7-11 shows the setup used to measure and the equation used to
calculate crosstalk.
GND
S1
S2
VSIG
VOUT
50Ÿ
50Ÿ
Network Analyzer
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
VS
%NKOOP=HG = 20 × .KC
8176
85
50Ÿ
D
Sx
50Q
Figure 7-11. Crosstalk Measurement Setup
7.12 Bandwidth
Bandwidth is defined as the range of frequencies that are attenuated by less than 3 dB when the input is applied
to the source pin (Sx) of an on-channel, and the output is measured at the drain pin (D) of the device. Figure
7-12 shows the setup used to measure bandwidth.
GND
S1
D
VSIG
VOUT
50Ÿ
50Ÿ
Network Analyzer
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
50Ÿ
Sx
VS
$=J@SE@PD = 20 × .KC
8176
85
Figure 7-12. Bandwidth Measurement Setup
TMUX6208, TMUX6209
SCDS419E – NOVEMBER 2020 – REVISED JULY 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX6208 TMUX6209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com