Electronic Components Datasheet Search
  English  ▼

X  

TMUX6209 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMUX6209
Description  TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6209 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMUX6209 Datasheet HTML 28Page - Texas Instruments TMUX6209 Datasheet HTML 29Page - Texas Instruments TMUX6209 Datasheet HTML 30Page - Texas Instruments TMUX6209 Datasheet HTML 31Page - Texas Instruments TMUX6209 Datasheet HTML 32Page - Texas Instruments TMUX6209 Datasheet HTML 33Page - Texas Instruments TMUX6209 Datasheet HTML 34Page - Texas Instruments TMUX6209 Datasheet HTML 35Page - Texas Instruments TMUX6209 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
9.2.1 Design Requirements
Table 9-1. Design Parameters
PARAMETER
VALUE
Positive supply (VDD)
+15 V
Negative supply (VSS)
-15 V
Input / output signal range
-12 V to 12 V (limit of ADC)
Control logic thresholds
1.8 V compatible
Temperature range
-40°C to +125°C
9.2.2 Detailed Design Procedure
The application shown in Figure 9-1 demonstrates how a multiplexer can be used to simplfy the signal chain
and monitor multiple input signals to a single ADC channel. In this example the ADC (ADS8661) has software
programmable input ranges up to ±12.288 V. The ADC also has overvotlage protection up to ±20 V which
allows for the multiplexer to be powered with wider supply voltages than the input signal range to maximize
on-resistance performance of the multiplxer, while still maintaining system level overvotlage protection beyond
the usuable signal range. Both the multiplexer and the ADC are capable of operation in extended industrial
temperature range of -40°C to +125°C allowing for use in a wider array of industrial systems.
Many SAR ADCs have an analog input structure that consists of a sampling switch and a sampling capacitor.
Many signal chains will have a driver amplifier to help charge the input of the ADC to meet a fast system
aquisition time. However a driver amplifier is not always needed to drive SAR ADCs. Figure 9-2 shows a typical
diagram of a sensor driving the SAR ADC input directly after being passed through the multiplxer. A filter
capacitor (CFLT) is connected to the input of the ADC to reduce the sampling charge injection and provides a
charge bucket to quickly charge the internal sample-and-hold capacitor of the ADC.
The sensor block simplifies the device into a Thevenin equivalant voltage source (VTH) and resistance (RTH)
which can be extracted from the device datasheets. Similarly the multixplexer can be thought of as a series
resistance (RON(MUX)) and capacitance (CON(MUX)). To ensure maximum precison of the signal chain the system
should be able to settle within 1/2 of an LSB within the acquisition time of the ADC. Figure 9-2 shows the
time constant can be calculated. This equation highlights the importance of selecting a multiplexer with low
on-resistance to further reduce the system time constant. Additionaly low charge injection performance of the
multiplexer is helpful to reduce conversion errors and improve accuracy of the measurements.
Figure 9-2. Driving SAR ADC
TMUX6208, TMUX6209
SCDS419E – NOVEMBER 2020 – REVISED JULY 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX6208 TMUX6209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com