Electronic Components Datasheet Search
  English  ▼

X  

TMUX6209 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMUX6209
Description  TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX6209 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX6209 Datasheet HTML 1Page - Texas Instruments TMUX6209 Datasheet HTML 2Page - Texas Instruments TMUX6209 Datasheet HTML 3Page - Texas Instruments TMUX6209 Datasheet HTML 4Page - Texas Instruments TMUX6209 Datasheet HTML 5Page - Texas Instruments TMUX6209 Datasheet HTML 6Page - Texas Instruments TMUX6209 Datasheet HTML 7Page - Texas Instruments TMUX6209 Datasheet HTML 8Page - Texas Instruments TMUX6209 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers
with 1.8 V Logic
1 Features
• Single supply range: 4.5 V to 36 V
• Dual supply range: ±4.5 V to ±18 V
• Low on-resistance: 4 Ω
• Low charge injection: 3 pC
• High current support: 400 mA (maximum) (WQFN)
• High current support: 300 mA (maximum)
(TSSOP)
• –40°C to +125°C operating temperature
• 1.8 V logic compatible inputs
• Integrated pull-down resistor on logic pins
• Fail-safe logic
• Rail-to-rail operation
• Bidirectional signal path
• Break-before-make switching
2 Applications
• Factory automation and control
• Programmable logic controllers (PLC)
• Analog input modules
• Semiconductor test equipment
• Battery test equipment
• Ultrasound scanners
• Patient monitoring and diagnostics
• Optical networking
• Optical test equipment
• Wired networking
• Data acquisition systems (DAQ)
3 Description
The TMUX6208 is a precision 8:1, single channel
multiplexer while the TMUX6209 is a 4:1, 2 channel
multiplexer featuring low on resistance and charge
injection. The devices work with a single supply (4.5V
to 36V), dual supply (±4.5V to ±18V), or asymmetric
supply (such as VDD = 12V, VSS = –5V). The
TMUX620x supports bidirectional analog and digital
signals onthe source (Sx) and drain (D) pins ranging
from VSS to VDD.
All logic control inputs support logic high levels
from 1.8 V to VDD, ensuring both TTL and CMOS
logic compatibility when operating in the valid
supply voltage range. Fail-Safe Logic circuitry allows
voltages on the control pins to be applied before
the supply pin, protecting the device from potential
damage.
The TMUX620x are part of the precision switches and
multiplexers family of devices. These devices have
very low on and off leakage currents and low charge
injection, allowing them to be used in high precision
measurement applications.
Table 3-1. Device Information
PART NUMBER
CONFIGURATION
PACKAGE (1)
TMUX6208
1 Channel 8:1
Multiplexer
TSSOP (16) (PW)
WQFN (16) (RUM)
TMUX6209
2 Channel 4:1
Multiplexer
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
SW
SW
S1
S2
D
VDD
VSS
TMUX6208
SW
S8
Logic Decoder
A0
A1
A2
EN
SW
SW
S1A
DA
TMUX6209
Logic Decoder
A0
A1
S4A
SW
SW
S1B
DB
S4B
VDD
VSS
EN
TMUX6208 and TMUX6209 Block Diagram
TMUX6208, TMUX6209
SCDS419E – NOVEMBER 2020 – REVISED JULY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TMUX6209

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6209 TI-TMUX6209 Datasheet
2Mb / 49P
TMUX620x 36-V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX6209 TI-TMUX6209 Datasheet
3Mb / 51P
TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
AUGUST 2021
TMUX6209PWR TI-TMUX6209PWR Datasheet
2Mb / 49P
TMUX620x 36-V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX6209PWR TI-TMUX6209PWR Datasheet
3Mb / 51P
TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
AUGUST 2021
TMUX6209RUMR TI-TMUX6209RUMR Datasheet
3Mb / 51P
TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
AUGUST 2021
More results

Similar Description - TMUX6209

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6211 TI-TMUX6211 Datasheet
909Kb / 26P
TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
TMUX6208 TI-TMUX6208_V01 Datasheet
2Mb / 49P
TMUX620x 36-V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
TMUX6208 TI-TMUX6208_V02 Datasheet
3Mb / 51P
TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
AUGUST 2021
TMUX6234 TI-TMUX6234 Datasheet
1Mb / 36P
TMUX6234 36 V, Low Ron, 2:1, 4 Channel Precision Switches with 1.8 V Logic
AUGUST 2021
TMUX4051 TI-TMUX4051 Datasheet
1Mb / 31P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
MAY 2022
TMUX4051 TI-TMUX4051_V01 Datasheet
1Mb / 38P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED SEPTEMBER 2022
TMUX4051 TI-TMUX4051_V02 Datasheet
1Mb / 38P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED SEPTEMBER 2022
TMUX6234 TI1-TMUX6234_V01 Datasheet
1Mb / 42P
TMUX6234 36 V, Low Ron, 2:1, 4 Channel Precision Switches with 1.8 V Logic
REVISED DECEMBER 2022
TMUX6201 TI-TMUX6201 Datasheet
1Mb / 41P
TMUX620x 36 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With 1.8-V Logic
REVISED MARCH 2023
TMUX4051 TI1-TMUX4051_V03 Datasheet
2Mb / 42P
TMUX405x 24-V, 8:1, 1-Channel, 4:1, 2-Channel and 2:1, 3-Channel Multiplexers with 1.8-V Logic
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com