Electronic Components Datasheet Search
  English  ▼

X  

TMUX7208 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMUX7208
Description  TMUX720x 44V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7208 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX7208 Datasheet HTML 12Page - Texas Instruments TMUX7208 Datasheet HTML 13Page - Texas Instruments TMUX7208 Datasheet HTML 14Page - Texas Instruments TMUX7208 Datasheet HTML 15Page - Texas Instruments TMUX7208 Datasheet HTML 16Page - Texas Instruments TMUX7208 Datasheet HTML 17Page - Texas Instruments TMUX7208 Datasheet HTML 18Page - Texas Instruments TMUX7208 Datasheet HTML 19Page - Texas Instruments TMUX7208 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
6.13 12 V Single Supply: Switching Characteristics
VDD = +12 V ± 10%, VSS = 0 V, GND = 0 V (unless otherwise noted)
Typical at VDD = +12 V, VSS = 0 V, TA = 25℃ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
tTRAN
Transition time from control input
VS = 8 V
RL = 300 Ω, CL = 35 pF
Refer to Transition Time
25°C
180
210
ns
–40°C to +85°C
245
ns
–40°C to +125°C
276
ns
tON (EN)
Turn-on time from enable
VS = 8 V
RL = 300 Ω, CL = 35 pF
Refer to Section 7.5
25°C
115
202
ns
–40°C to +85°C
235
ns
–40°C to +125°C
265
ns
tOFF (EN)
Turn-off time from enable
VS = 8 V
RL = 300 Ω, CL = 35 pF
Refer to Section 7.5
25°C
290
318
ns
–40°C to +85°C
350
ns
–40°C to +125°C
370
ns
tBBM
Break-before-make time delay
VS = 8 V,
RL = 300 Ω, CL = 35 pF
Refer to Break-Before-Make
25°C
50
ns
–40°C to +85°C
1
ns
–40°C to +125°C
1
ns
TON (VDD)
Device turn on time
(VDD to output)
VDD rise time = 1 µs
RL = 300 Ω, CL = 35 pF
Refer to Turn-on (VDD) Time
25°C
0.16
ms
–40°C to +85°C
0.17
1
ms
–40°C to +125°C
0.17
1
ms
tPD
Propagation delay
RL = 50 Ω , CL = 5 pF
Refer to Section 7.8
25°C
2.5
ns
QINJ
Charge injection
VS = 6 V, CL = 100 pF
Refer to Section 7.9
25°C
2
pC
OISO
Off-isolation
RL = 50 Ω , CL = 5 pF
VS = 6 V, f = 100 kHz
25°C
–82
dB
OISO
Off-isolation
RL = 50 Ω , CL = 5 pF
VS = 6 V, f = 1 MHz
Refer to Off Isolation
25°C
–62
dB
XTALK
Crosstalk
RL = 50 Ω , CL = 5 pF
VS = 6 V, f = 100 kHz
Refer to Crosstalk
25°C
–85
dB
XTALK
Crosstalk
RL = 50 Ω , CL = 5 pF
VS = 6 V, f = 1MHz
Refer to Crosstalk
25°C
–65
dB
BW
–3dB Bandwidth (TMUX7208)
RL = 50 Ω , CL = 5 pF
VS = 6 V
Refer to Bandwidth
25°C
28
MHz
BW
–3dB Bandwidth (TMUX7209)
RL = 50 Ω , CL = 5 pF
VS = 6 V
25°C
55
MHz
IL
Insertion loss
RL = 50 Ω , CL = 5 pF
VS = 6 V, f = 1 MHz
25°C
–0.6
dB
ACPSRR
AC Power Supply Rejection Ratio
VPP = 0.62 V on VDD and VSS
RL = 50 Ω , CL = 5 pF,
f = 1 MHz
25°C
–74
dB
THD+N
Total Harmonic Distortion + Noise
VPP = 6 V, VBIAS = 6 V
RL = 10 kΩ , CL = 5 pF,
f = 20 Hz to 20 kHz
Refer to THD + Noise
25°C
0.0007
%
CS(OFF)
Source off capacitance
VS = 6 V, f = 1 MHz
25°C
17
pF
CD(OFF)
Drain off capacitance (TMUX7208)
VS = 6 V, f = 1 MHz
25°C
155
pF
CD(OFF)
Drain off capacitance (TMUX7209)
VS = 6 V, f = 1 MHz
25°C
78
pF
CS(ON),
CD(ON)
On capacitance (TMUX7208)
VS = 6 V, f = 1 MHz
25°C
200
pF
CS(ON),
CD(ON)
On capacitance (TMUX7209)
VS = 6 V, f = 1 MHz
25°C
122
pF
TMUX7208, TMUX7209
SCDS418F – JULY 2020 – REVISED JULY 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX7208 TMUX7209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com