Electronic Components Datasheet Search
  English  ▼

X  

TMUX7208 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMUX7208
Description  TMUX720x 44V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7208 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX7208 Datasheet HTML 1Page - Texas Instruments TMUX7208 Datasheet HTML 2Page - Texas Instruments TMUX7208 Datasheet HTML 3Page - Texas Instruments TMUX7208 Datasheet HTML 4Page - Texas Instruments TMUX7208 Datasheet HTML 5Page - Texas Instruments TMUX7208 Datasheet HTML 6Page - Texas Instruments TMUX7208 Datasheet HTML 7Page - Texas Instruments TMUX7208 Datasheet HTML 8Page - Texas Instruments TMUX7208 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
SW
SW
S1
S2
D
VDD
VSS
TMUX7208
SW
S8
Logic Decoder
A0
A1
A2
EN
SW
SW
S1A
DA
TMUX7209
Logic Decoder
A0
A1
S4A
SW
SW
S1B
DB
S4B
VDD
VSS
EN
TMUX7208 and TMUX7209 Block Diagram
TMUX7208, TMUX7209
SCDS418F – JULY 2020 – REVISED JULY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX7208 TMUX7209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com