Electronic Components Datasheet Search
  English  ▼

X  

TMUX7208 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMUX7208
Description  TMUX720x 44V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7208 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMUX7208 Datasheet HTML 35Page - Texas Instruments TMUX7208 Datasheet HTML 36Page - Texas Instruments TMUX7208 Datasheet HTML 37Page - Texas Instruments TMUX7208 Datasheet HTML 38Page - Texas Instruments TMUX7208 Datasheet HTML 39Page - Texas Instruments TMUX7208 Datasheet HTML 40Page - Texas Instruments TMUX7208 Datasheet HTML 41Page - Texas Instruments TMUX7208 Datasheet HTML 42Page - Texas Instruments TMUX7208 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
Changes from Revision C (April 2021) to Revision D (September 2021)
Page
• Changed the status of the QFN packages for TMXU7208 and TMUX7209 from: preview to: active ................1
• Added ESD detail for RUM package.................................................................................................................. 7
• Added the Integrated Pull-Down Resistor on Logic Pins section..................................................................... 30
• Updated the Ultra-Low Charge Injection section.............................................................................................. 31
• Updated the TMUX720x Layout Example figures in the Layout Example section........................................... 37
Changes from Revision B (April 2021) to Revision C (April 2021)
Page
• Added ESD detail for TMUX7209.......................................................................................................................7
Changes from Revision A (March 2021) to Revision B (April 2021)
Page
• Included TMUX7209PW..................................................................................................................................... 5
Changes from Revision * (December 2020) to Revision A (March 2021)
Page
• Added high current support for WQFN in Features section................................................................................1
• Added thermal information for QFN package..................................................................................................... 8
• Added IDC specs for QFN package in Source or Drain Continuous Current table ............................................ 8
• Updated VDD rise time value from 100ns to 1µs in TON(VDD) test condition......................................................10
• Updated CL value from 1nF to 100pF in Charge Injection test condition......................................................... 10
12 Mechanical, Packaging, and Orderable Information
The following pages include mechanical packaging and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
www.ti.com
TMUX7208, TMUX7209
SCDS418F – JULY 2020 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMUX7208 TMUX7209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com