Electronic Components Datasheet Search
  English  ▼

X  

TMUX7208 Datasheet(PDF) 43 Page - Texas Instruments

Part # TMUX7208
Description  TMUX720x 44V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7208 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMUX7208 Datasheet HTML 39Page - Texas Instruments TMUX7208 Datasheet HTML 40Page - Texas Instruments TMUX7208 Datasheet HTML 41Page - Texas Instruments TMUX7208 Datasheet HTML 42Page - Texas Instruments TMUX7208 Datasheet HTML 43Page - Texas Instruments TMUX7208 Datasheet HTML 44Page - Texas Instruments TMUX7208 Datasheet HTML 45Page - Texas Instruments TMUX7208 Datasheet HTML 46Page - Texas Instruments TMUX7208 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Jul-2025
TAPE AND REEL BOX DIMENSIONS
Width (mm)
H
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TMUX7208PWR
TSSOP
PW
16
2000
353.0
353.0
32.0
TMUX7208PWRG4
TSSOP
PW
16
2000
353.0
353.0
32.0
TMUX7208RUMR
WQFN
RUM
16
3000
367.0
367.0
35.0
TMUX7208RUMRG4
WQFN
RUM
16
3000
367.0
367.0
35.0
TMUX7209PWR
TSSOP
PW
16
2000
353.0
353.0
32.0
TMUX7209PWRG4
TSSOP
PW
16
2000
353.0
353.0
32.0
TMUX7209RUMR
WQFN
RUM
16
3000
367.0
367.0
35.0
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com