Electronic Components Datasheet Search
  English  ▼

X  

TMUX7208 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMUX7208
Description  TMUX720x 44V, Latch-Up Immune, 8:1, 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8V Logic
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX7208 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMUX7208 Datasheet HTML 22Page - Texas Instruments TMUX7208 Datasheet HTML 23Page - Texas Instruments TMUX7208 Datasheet HTML 24Page - Texas Instruments TMUX7208 Datasheet HTML 25Page - Texas Instruments TMUX7208 Datasheet HTML 26Page - Texas Instruments TMUX7208 Datasheet HTML 27Page - Texas Instruments TMUX7208 Datasheet HTML 28Page - Texas Instruments TMUX7208 Datasheet HTML 29Page - Texas Instruments TMUX7208 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
7.9 Charge Injection
The TMUX7208 has a transmission-gate topology. Any mismatch in capacitance between the NMOS and PMOS
transistors results in a charge injected into the drain or source during the falling or rising edge of the gate signal.
The amount of charge injected into the source or drain of the device is known as charge injection, and is denoted
by the symbol QINJ. Figure 7-9 shows the setup used to measure charge injection from source (Sx) to drain (D).
The TMUX7208 and have a transmission-gate topology. Any mismatch in capacitance between the NMOS and
PMOS transistors results in a charge injected into the drain or source during the falling or rising edge of the gate
signal. The amount of charge injected into the source or drain of the device is known as charge injection, and is
denoted by the symbol QINJ. Figure 7-9 shows the setup used to measure charge injection from source (Sx) to
drain (D).
VDD
VSS
VDD
VSS
0.1 µF
0.1 µF
S1
GND
D
EN
VEN
S2
VOUT
Output
VD
0 V
3 V
VEN
QINJ = CL ×
VOUT
tr < 20 ns
tf < 20 ns
N.C.
A0
A1
A2
S8
N.C.
VS
CL
Output
Figure 7-9. Charge-Injection Measurement Setup
7.10 Off Isolation
Off isolation is defined as the ratio of the signal at the drain pin (D) of the device when a signal is applied to
the source pin (Sx) of an off-channel. Figure 7-10 shows the setup used to measure, and the equation used to
calculate off isolation.
TMUX7208, TMUX7209
SCDS418F – JULY 2020 – REVISED JULY 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX7208 TMUX7209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com