Electronic Components Datasheet Search
  English  ▼

X  

TPL0102 Datasheet(PDF) 20 Page - Texas Instruments

Part # TPL0102
Description  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPL0102 Datasheet HTML 16Page - Texas Instruments TPL0102 Datasheet HTML 17Page - Texas Instruments TPL0102 Datasheet HTML 18Page - Texas Instruments TPL0102 Datasheet HTML 19Page - Texas Instruments TPL0102 Datasheet HTML 20Page - Texas Instruments TPL0102 Datasheet HTML 21Page - Texas Instruments TPL0102 Datasheet HTML 22Page - Texas Instruments TPL0102 Datasheet HTML 23Page - Texas Instruments TPL0102 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
20
TPL0102
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
www.ti.com
Product Folder Links: TPL0102
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Step
Hex
Binary
RWL (kΩ)
RHW (kΩ)
RWL/RHW
238
0xEEh
1110 1110
92.97
7.03
13.22
239
0xEFh
1110 1111
93.36
6.64
14.06
240
0xF0h
1111 0000
93.75
6.25
15.00
241
0xF1h
1111 0001
94.14
5.86
16.07
242
0xF2h
1111 0010
94.53
5.47
17.29
243
0xF3h
1111 0011
94.92
5.08
18.69
244
0xF4h
1111 0100
95.31
4.69
20.33
245
0xF5h
1111 0101
95.70
4.30
22.27
246
0xF6h
1111 0110
96.09
3.91
24.60
247
0xF7h
1111 0111
96.48
3.52
27.44
248
0xF8h
1111 1000
96.88
3.13
31.00
249
0xF9h
1111 1001
97.27
2.73
35.57
250
0xFAh
1111 1010
97.66
2.34
41.67
251
0xFBh
1111 1011
98.05
1.95
50.20
252
0xFCh
1111 1100
98.44
1.56
63.00
253
0xFDh
1111 1101
98.83
1.17
84.33
254
0xFEh
1111 1110
99.22
0.78
127.00
255 (full-scale)
0xFFh
1111 1111
99.61
0.3
255.00
7.5 Programming with I
2C
7.5.1 I2C General Operation
7.5.1.1 I2C Interface
The TPL0102 has a standard bidirectional I2C interface that is controlled by a microcontroller in order to
configure the device and read the status of the device. Each device on the I2C bus, including this device, has a
specific device address to differentiate between other devices that may be on the I2C bus. Configuration of the
device is performed when the microcontroller addresses the device, then accesses the device’s internal Register
Maps, which have unique register addresses. The TPL0102 has multiple registers where data is stored, written,
or read. Please refer to the Register Map for more details.
The physical I2C interface consists of the serial clock (SCL) and serial data (SDA) lines. Both SDA and SCL lines
must be connected to VDD through a pull-up resistor. The size of the pull-up resistor is determined by the
amount of capacitance on the I2C lines (for further details, please refer to the I2C Bus Pullup Resistor Calculation
Application Report). Data transfer may be initiated only when the bus is not busy. For more detailed information
on I2C, please refer to the Understanding the I2C Bus Application Report.
1. Suppose a master wants to send information to the TPL0102:
•
Master addresses TPL0102 (slave)
•
Master-transmitter sends data to TPL0102 (slave-receiver)
•
Master terminates the transfer.
2. If a master wants to receive information from TPL0102:
•
Master addresses TPL0102 (slave)
•
Master-receiver receives data from TPL0102 (slave-transmitter)
•
Master terminates the transfer.
The master generates the timing for the SCL.
7.5.1.2 START and STOP Conditions
I2C communication with this device is initiated by the master sending a START condition and terminated by the
master sending a STOP condition. A high-to-low transition on the SDA line while the SCL is high defines a
START condition. A low-to-high transition on the SDA line while the SCL is high defines a STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com