Electronic Components Datasheet Search
  English  ▼

X  

TPL0102 Datasheet(PDF) 45 Page - Texas Instruments

Part # TPL0102
Description  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 45 Page - Texas Instruments

Back Button TPL0102 Datasheet HTML 40Page - Texas Instruments TPL0102 Datasheet HTML 41Page - Texas Instruments TPL0102 Datasheet HTML 42Page - Texas Instruments TPL0102 Datasheet HTML 43Page - Texas Instruments TPL0102 Datasheet HTML 44Page - Texas Instruments TPL0102 Datasheet HTML 45Page - Texas Instruments TPL0102 Datasheet HTML 46Page - Texas Instruments TPL0102 Datasheet HTML 47Page - Texas Instruments TPL0102 Datasheet HTML 48Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
PACKAGE OUTLINE
4220584/A 05/2019
www.ti.com
X2QFN - 0.4 mm max height
PLASTIC QUAD FLAT PACK- NO LEAD
RUC0014A
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
PIN 1 INDEX AREA
2.1
1.9
2.1
1.9
0.4 MAX
0.05
0.00
SEATING PLANE
C
PIN 1 ID
(45
oX0.1)
2X 0.4
8X 0.4
1.6
14X
0.25
0.15
14X
0.5
0.3
1
5
6
7
8
12
13
14
(0.15) TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com