Electronic Components Datasheet Search
  English  ▼

X  

TPL0102 Datasheet(PDF) 29 Page - Texas Instruments

Part # TPL0102
Description  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPL0102 Datasheet HTML 25Page - Texas Instruments TPL0102 Datasheet HTML 26Page - Texas Instruments TPL0102 Datasheet HTML 27Page - Texas Instruments TPL0102 Datasheet HTML 28Page - Texas Instruments TPL0102 Datasheet HTML 29Page - Texas Instruments TPL0102 Datasheet HTML 30Page - Texas Instruments TPL0102 Datasheet HTML 31Page - Texas Instruments TPL0102 Datasheet HTML 32Page - Texas Instruments TPL0102 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
f
in
in
Z
~0
V
Gain
1
1
1
0 dB
Z
Z
V
= +
= +
=
=
100 k
100 k
V
Gain
1
1
1
633
634
56 dB
58
100
158
V
W
W
= +
= +
= +
=
@
W +
W
W
(
)
f
f
1
1
C
33 pF
2
R
f
3 dB
2
100 k
50 kHz
π
π
=
=
=
´
´
´
-
´
´
W ´
100 k
100 k
V
Gain
1
1
1
1
2
6 dB
100 k
100
100 k
V
W
W
= +
@ +
= + =
@
W +
W
W
100 k
100 k
V
Gain
1
1
1
1000
1001
60 dB
~ 0
100
100
V
W
W
= +
= +
= +
=
@
W +
W
W
f
f
f
Z
R || C
=
in
Z
TPL0102 resistance
100
=
+
W
29
TPL0102
www.ti.com
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
Product Folder Links: TPL0102
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
In this application, the following equations are used:
(6)
and
(7)
Where Rf and Cf are the feedback resistor and capacitor, respectively.
A 100
Ω resistor is added in series with the TPL0102 resistance in order to stop the op amp from producing
infinite gain. When the TPL0102 is at zero-scale, the resistance between terminal L and terminal W is ~0
Ω. This
would normally cause infinite gain, but with the 100
Ω resistor is series, the lowest Zin can be is 100 Ω, which at
DC will create a gain of roughly 60 dB.
(8)
Rf and Cf were chosen based upon characteristics of the potentiometer and op amp, respectively. The value of Rf
affects the level of gain, primarily at low frequencies. Since the TPL0102 has a full-scale resistance of 100 k
Ω
between terminal W and terminal L, the Rf was chosen to match this full-scale resistance, which produces the
minimum gain of 6 dB:
(9)
As frequency increases, Cf begins to have an impact on gain. A frequency roll-off will occur due to the open-loop
gain of the op amp, but in this application, the desired effect is to have Cf impact the roll off before the open loop
gain of the op amp. At a gain of 40 dB, the op amp open loop gain will force the roll off to occur at 100 kHz.
Therefore, in order for Cf to impact the roll off before the open loop gain, roll off due to the capacitor must occur
at less than 100 kHz. In this application, 50 kHz is the desired roll off frequency, resulting in a Cf value of 33 pF.
(10)
Measurements were taken with a 10 k
Ω load. A 50 Ω resistor is included at the input for termination of
measurement equipment.
8.2.1.3 Application Curves
As the TPL0102 moves from full-scale to zero-scale, Zin decreases, which causes the gain of the op amp to
increase from 6 dB to 56 dB. The amplifier does not reach the full 60 dB of calculated gain because the
resistance in the TPL0102 did not reach 0
Ω. At zero-scale, the TPL0102 had a remaining resistance of
approximately 58
Ω.
(11)
The application curve clearly shows the effect of the low pass filter created by the Rf and Cf combination. Roll off
begins as frequencies approach 50 kHz because of the pole created by the 33 pF capacitor. As the frequency
increases beyond 50 kHz, the gain decreases by -20 dB/dec until the gain levels off at 1V/V or 0dB. The gain
levels off due to the nature of non-inverting op amp transfer functions. The feedback impedance, Zf, is
approximately zero at high frequency because Cf acts as a short. As shown below, this results in a gain of 0 dB:
(12)
At approximately 3 MHz, the gain is again reduced by –20 dB/dec due to the pole created by open-loop gain of
the OPA316.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com