Electronic Components Datasheet Search
  English  ▼

X  

TPL0102 Datasheet(PDF) 33 Page - Texas Instruments

Part # TPL0102
Description  TPL0102 Two 256-Taps Digital Potentiometers With Non-Volatile Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPL0102 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TPL0102 Datasheet HTML 29Page - Texas Instruments TPL0102 Datasheet HTML 30Page - Texas Instruments TPL0102 Datasheet HTML 31Page - Texas Instruments TPL0102 Datasheet HTML 32Page - Texas Instruments TPL0102 Datasheet HTML 33Page - Texas Instruments TPL0102 Datasheet HTML 34Page - Texas Instruments TPL0102 Datasheet HTML 35Page - Texas Instruments TPL0102 Datasheet HTML 36Page - Texas Instruments TPL0102 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
TPL0102 Code (Voltage Divider Mode)
Current vs TPL0102 Code (Voltage Divider Mode) per TPL0102 Code (Rhetostat Mode)
0
30
60
90
120
150
180
210
240
256
0
0.0002
0.0004
0.0006
0.0008
0.001
0.0012
D003
255 (0xFFh)
252 (0xFCh)
248 (0xF8h)
240 (0xF0h)
208 (0xD0h)
128 (0x80h)
0 (0x00h)
set
set
LOAD_MAX
set
HW(Resistance)
V
V
2 V
I
1.19 mA
R
TPL0102
1.2 k
480
1.2 k
=
=
=
=
+
W
W +
W
set
set
LOAD
set
HW(Resistance)
V
V
2 V
I
19.76 A
R
TPL0102
1.2 k
100 k
1.2 k
=
=
=
=
+
W
W +
W
set
set
LOAD_MAX
set
HW(Resistance)
V
V
2 V
I
1.33 mA
R
TPL0102
1.2 k
300
1.2 k
=
=
=
=
+
W
W +
W
33
TPL0102
www.ti.com
SLIS134C – MARCH 2011 – REVISED SEPTEMBER 2015
Product Folder Links: TPL0102
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Based upon the voltage divider formula between the setting of the TPL0102 and the 150 k
Ω resistor, the voltage
at the positive input of the OPA317, Vset, can range from 0 to 2 V. This leaves a maximum of 3 V of voltage drop
from the positive side to the negative side of the external load with a 5 V supply. A 1.2 k
Ω resistor is placed in
series with the TPL0102 span setting potentiometer (Rset). At full scale of the span setting potentiometer and the
maximum voltage at Vset (2 V), the maximum value for ILOAD is:
(14)
When the span setting potentiometer is at zero scale with the maximum voltage at Vset, the maximum value for
ILOAD is:
(15)
The same calculations can be made when the potentiometer in voltage divider mode is a zero scale. At zero
scale, Vset will be almost negligible, resulting in 0 A of current no matter the value of the span setting
potentiometer.
8.2.3.2.1
Compensation Components
This design requires a few compensation components to stabilize the feedback network. These include the 1 nF
capacitor and the 200
Ω and 10 kΩ resistors, which were selected based upon the TIPD102 reference design.
8.2.3.3 Application Curves
As the TPL0102 in rheostat mode (span setting potentiometer) moves from zero-scale to full-scale, a new step
(line) is created with a larger achievable maximum current. The rheostat mode potentiometer directly
corresponds to Rset in Equation 13. The TPL0102 in voltage divider mode produces the granular current values
between the minimum and maximum range. The voltage divider potentiometer directly corresponds to Vset in
Equation 13. For example, when the potentiometer in rheostat mode is at code 256, the potentiometer in voltage
divider mode produces a theoretical maximum current of 1.33 mA at code 256 and a minimum current of 0 µA at
code 0.
The current sink does not reach the full 1.33 mA because of the error in resistance of the span setting
potentiometer. At full-scale, the resistor had an actual resistance of 480
Ω.
(16)
Figure 36. Current vs Span Setting Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com